Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358WDR Datasheet(PDF) 5 Page - Rohm

Part # LM358WDR
Description  SIGNATURE SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM358WDR Datasheet(HTML) 5 Page - Rohm

  LM358WDR Datasheet HTML 1Page - Rohm LM358WDR Datasheet HTML 2Page - Rohm LM358WDR Datasheet HTML 3Page - Rohm LM358WDR Datasheet HTML 4Page - Rohm LM358WDR Datasheet HTML 5Page - Rohm LM358WDR Datasheet HTML 6Page - Rohm LM358WDR Datasheet HTML 7Page - Rohm LM358WDR Datasheet HTML 8Page - Rohm LM358WDR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Technical Note
5/17
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Reference Data LM358 family
(*)The data above is ability value of sample, it is not guaranteed.
Input Bias Current – Ambient Temperature
(VCC=30[V],Vicm=28[V],VOUT=1.4[V])
Input Offset Voltage – Common Mode Input Voltage
(VCC=5[V])
Input Bias Current – Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
Input Offset Voltage – Ambient Temperature
(Vicm=0[V], VOUT=1.4[V])
3V
32V
5V
0℃
25℃
Input Bias Current – Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
3V
5V
Input Offset Current – Supply Voltage
(Vicm=0[V],VOUT=1.4[V])
0℃
25℃
Input Offset Current
– Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
3V
32V
5V
0℃
25℃
0℃
70℃
25℃
Large Signal Voltage Gain
– Ambient Temperature
(RL=2[kΩ])
15V
5V
0℃
25℃
Common Mode Rejection Ratio
– Supply Voltage
Common Mode Rejection Ratio
– Ambient Temperature
5V
3V
32V
Power Supply Rejection Ratio
– Ambient Temperature
Large Signal Voltage Gain
– Supply Voltage
(RL=2[kΩ])
70℃
70℃
70℃
32V
70℃
LM358 family
LM358 family
LM358 family
LM358 family
LM358 family
LM358 family
LM358 family
LM358 family
LM358 family
LM358 family
LM358 family
LM358 family
Fig. 13
Fig. 14
Fig. 15
Fig. 16
Fig. 17
Fig. 18
Fig. 19
Fig. 20
Fig. 21
Fig. 22
Fig. 23
Fig. 24
36V
[V]


Similar Part No. - LM358WDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM358WD STMICROELECTRONICS-LM358WD Datasheet
300Kb / 16P
   Low Power Dual Operational Amplifiers
LM358WD STMICROELECTRONICS-LM358WD Datasheet
307Kb / 20P
   Low power dual operational amplifiers
LM358WD STMICROELECTRONICS-LM358WD Datasheet
326Kb / 18P
   Low power dual operational amplifiers
LM358WDT STMICROELECTRONICS-LM358WDT Datasheet
300Kb / 16P
   Low Power Dual Operational Amplifiers
logo
Rohm
LM358WDT ROHM-LM358WDT Datasheet
354Kb / 6P
   SILICON MONNOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - LM358WDR

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com