Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP30A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 15KP30A
Description  15000 Watts Transient Voltage Suppressor 17 to 280 Volt
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

15KP30A Datasheet(HTML) 2 Page - Micro Commercial Components

  15KP30A Datasheet HTML 1Page - Micro Commercial Components 15KP30A Datasheet HTML 2Page - Micro Commercial Components 15KP30A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15KP17(C)A THRU 15KP280(C)A
ELECTRICAL CHARACTERISTICS @25 C
Revision: A
2011/01/01
MCC
TM
Micro Commercial Components
REVERSE
STAND- OFF
VOLTAGE
VRWM
BREAKDOWN
VOLTAGE VBR
MIN. @IT
BREAKDOWN
VOLTAGE VBR
MAX. @IT
TEST
CURRENT IT
(mA)
PEAK
PULSE
CURRENT
Ipp
MAXIMUM
REVERSE
LEAKAGE IR
@ VRWM
CLAMPING
VOLTAGE VC
@IPP
UNI-POLAR
BI-POLAR
VV
V
mA
A
µ A
V
15KP17A
15KP17CA
17
18.9
20.79
50
512
5000
29.3
15KP18A
15KP18CA
18
20.0
22.01
50
485
5000
30.9
15KP20A
15KP20CA
20
22.2
24.46
20
437
1500
34.3
15KP22A
15KP22CA
22
24.4
26.91
10
404
500
37.1
15KP24A
15KP24CA
24
26.7
29.35
5
369
150
40.5
15KP26A
15KP26CA
26
28.9
31.8
5
347
50
44
15KP28A
15KP28CA
28
31.1
34.24
5
316
25
47.5
15KP30A
15KP30CA
30
33.3
36.69
5
296
15
50.7
15KP33A
15KP33CA
33
36.7
40.4
5
274
10
54.8
15KP36A
15KP36CA
36
40.0
44
5
251
10
59.7
15KP40A
15KP40CA
40
44.4
48.9
5
228
10
65.8
15KP43A
15KP43CA
43
47.8
52.6
5
215
10
69.7
15KP45A
15KP45CA
45
50.0
55
5
205
10
73
15KP48A
15KP48CA
48
53.3
58.7
5
193
10
77.7
15KP51A
15KP51CA
51
56.7
62.4
5
181
10
82.8
15KP54A
15KP54CA
54
60.0
66
5
171
10
87.5
15KP58A
15KP58CA
58
64.4
70.9
5
160
10
94
15KP60A
15KP60CA
60
66.7
73.4
5
154
10
97.3
15KP64A
15KP64CA
64
71.1
78.3
5
144
10
104
15KP70A
15KP70CA
70
77.8
85.6
5
132
10
114
15KP75A
15KP75CA
75
83.3
91.7
5
123
10
122
15KP78A
15KP78CA
78
86.7
95.4
5
119
10
126
15KP85A
15KP85CA
85
94.4
104
5
109
10
137
15KP90A
15KP90CA
90
100.0
110.1
5
103
10
146
15KP100A
15KP100CA
100
111.0
122.3
5
93
10
162
15KP110A
15KP110CA
110
122.0
134.5
5
84
10
178
15KP120A
15KP120CA
120
133.0
146.8
5
78
10
193
15KP130A
15KP130CA
130
144.0
159
5
72
10
209
15KP150A
15KP150CA
150
167.0
183.5
5
62
10
243
15KP160A
15KP160CA
160
178.0
195.7
5
58
10
259
15KP170A
15KP170CA
170
189.0
207.9
5
55
10
275
15KP180A
15KP180CA
180
200.0
220.1
5
52
10
291
15KP200A
15KP200CA
200
222.0
244.6
5
47
10
322
15KP220A
15KP220CA
220
245.0
269.1
5
42
10
356
15KP240A
15KP240CA
240
267.0
293.5
5
39
10
388
15KP260A
15KP260CA
260
289.0
318
5
36
10
419
15KP280A
15KP280CA
280
311.0
342.4
5
33
10
452
For bi-directional type having VRWM of 30 volts and less , the IR limit is double.
For parts without A , the VBR is ± 10%.
MCC
PART
NUMBER
www.mccsemi.com
2 of 3


Similar Part No. - 15KP30A

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
15KP30A FUTUREWAFER-15KP30A Datasheet
960Kb / 9P
   15000W Transient Voltage Suppression Diodes
20-JUL-2021 V 2.0
logo
EIC discrete Semiconduc...
15KP30A EIC-15KP30A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP30A NJSEMI-15KP30A Datasheet
492Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
15KP30A LUGUANG-15KP30A Datasheet
119Kb / 3P
   Transient Voltage Supperssor
logo
DONGGUAN YOU FENG WEI E...
15KP30A YFWDIODE-15KP30A Datasheet
623Kb / 5P
   15000W Axial Leaded Transient Voltage Suppressors
More results

Similar Description - 15KP30A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
StarHope
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
logo
E-CMOS Corporation
15KPA E-CMOS-15KPA Datasheet
378Kb / 3P
   Reverse Voltage: 17 to 280 V Peak Pulse Power: 15000 W
logo
Micro Commercial Compon...
30KP28A MCC-30KP28A Datasheet
237Kb / 3P
   30000 Watts Transient Voltage Suppressor 28 to 288 Volt
30KP28 MCC-30KP28_15 Datasheet
319Kb / 4P
   30000 Watts Transient Voltage Suppressor 28 to 288 Volt
logo
StarHope
10KPA SPSEMI-10KPA Datasheet
533Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-17 TO 280 Volts
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com