Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358WSR Datasheet(PDF) 2 Page - Rohm

Part # LM358WSR
Description  SIGNATURE SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM358WSR Datasheet(HTML) 2 Page - Rohm

  LM358WSR Datasheet HTML 1Page - Rohm LM358WSR Datasheet HTML 2Page - Rohm LM358WSR Datasheet HTML 3Page - Rohm LM358WSR Datasheet HTML 4Page - Rohm LM358WSR Datasheet HTML 5Page - Rohm LM358WSR Datasheet HTML 6Page - Rohm LM358WSR Datasheet HTML 7Page - Rohm LM358WSR Datasheet HTML 8Page - Rohm LM358WSR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Note
2/17
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings (Ta=25[℃])
Parameter
Symbol
Rating
Unit
LM358 family
LM324 family
LM2904 family
LM2902 family
Supply Voltage
VDD
+32
V
Operating Temperature Range
Topr
0 to +70
-40 to +125
Storage Temperature Range
Tstg
-65 to +150
Input Common-mode Voltage
VICM
-0.3 to +32
V
Maximum Junction Temperature
Tjmax
+150
Electric Characteristics
LM358,LM324 family(Unless otherwise specified, Vcc
+=+5[V], Vcc-=0[V])
Parameter
Symbol
Temperature
range
Limit
Unit
Conditions
Fig.
No
LM358 family
LM324 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage (*1)
VIO
25℃
2
7
7
mV
VO=1.4[V],RS=0[Ω]
5[V]< Vcc
+<30[V]
0<VIC< Vcc
+-1.5[V]
98
Full range
9
9
Input Offset Current (*1)
IIO
25℃
2
30
2
30
nA
VO=1.4[V]
98
Full range
100
Input Bias Current (*1)
IIB
25℃
20
150
20
150
nA
VO=1.4[V]
98
Full range
200
300
Large Signal Voltage Gain
AVD
25℃
25
100
25
100
V/mV
Vcc
+=15[V]
VO=1.4[V] to 11.4[V]
RL=2[kΩ]
98
Supply Voltage Rejection Ratio
SVR
25℃
65
100
65
110
dB
RS≦10[kΩ]
Vcc
+=5[V] to 30[V]
98
Full range
65
65
Supply Current (All Amp)
ICC
25℃
0.7
1.2
mA
Vcc
+=5[V],No Load
99
25℃
1.5
3
Vcc
+=30[V],No Load
Full range
0.7
1.2
0.8
3
Vcc
+=5[V],No Load
Full range
2
1.5
3
Vcc
+=30[V],No Load
Input Common-mode Voltage Range
VICM
25℃
Vcc
+-1.5
Vcc
+-1.5
V
Vcc
+=30[V]
98
Full range
Vcc
+-2.0
Vcc
+-2.0
Common-mode Rejection Ratio
CMR
25℃
70
85
70
80
dB
RS≦10[kΩ]
98
Full range
60
60
Output Short Circuit Current (*2)
Isource
25℃
20
40
60
20
40
70
mA
Vcc
+=15[V],VO=+2[V]
VID=+1[V]
99
Output Sink Current (*2)
Isink
25℃
10
20
10
20
mA
VO=+2[V],
Vcc
+=15[V],VID=-1[V]
99
12
50
12
50
μA
VO=+0.2[V],
Vcc
+=15[V] ,VID=-1[V]
Output Voltage Swing
Vopp
25℃
0
Vcc
+-1.5
V
RL=2[kΩ]
99
Full range
0
Vcc
+-2.0
High Level Output Voltage
VOH
25℃
27
28
27
28
V
Vcc
+=30[V],RL=10[kΩ]
99
Full range
27
27
Low Level Output Voltage
VOL
25℃
5
20
5
20
mV
RL=10[kΩ]
99
Full range
20
20
Slew Rate
SR
25℃
0.6
0.4
V/μs
RL=2[kΩ],CL=100[pF],
Vcc
+=15[V]
VI=0.5[V] to 3[V],
Unity Gain
99
Gain Bandwidth Product
GBP
25℃
1.1
1.3
MHz
Vcc
+=30[V],RL=2[kΩ],
CL=100[pF]
VIN=10[mV],f=100[kHz]
99
Total Harmonic Distortion
THD
25℃
0.02
0.015
f=1[kHz],AV=20[dB]
RL=2[kΩ]
CL=100[pF],VO=2[Vpp]
99
Input Equivalent Noise Voltage
en
25℃
55
40
Hz
nV/
f=1[kHz],RS=100[Ω]
Vcc
+=30[V]
99
Input Offset Voltage Drift
DVIO
7
7
μV/℃
Input Offset Current Drift
DIIO
10
10
pA/℃
Channel Separation
VO1/VO2
25℃
120
120
dB
1[kHz]≦f≦20[kHz]
99
(*1) Absolute value
(*2) Under high temperatures, please consider the power dissipation when selecting the output current.
When output terminal is continuously shorted the output current reduces the internal temperature by flushing.


Similar Part No. - LM358WSR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM358W STMICROELECTRONICS-LM358W Datasheet
300Kb / 16P
   Low Power Dual Operational Amplifiers
LM358W STMICROELECTRONICS-LM358W Datasheet
326Kb / 18P
   Low power dual operational amplifiers
LM358WD STMICROELECTRONICS-LM358WD Datasheet
300Kb / 16P
   Low Power Dual Operational Amplifiers
LM358WD STMICROELECTRONICS-LM358WD Datasheet
307Kb / 20P
   Low power dual operational amplifiers
LM358WD STMICROELECTRONICS-LM358WD Datasheet
326Kb / 18P
   Low power dual operational amplifiers
More results

Similar Description - LM358WSR

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com