Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR006YZPFD Datasheet(PDF) 3 Page - Rohm

Part # MCR006YZPFD
Description  Compact Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR006YZPFD Datasheet(HTML) 3 Page - Rohm

  MCR006YZPFD Datasheet HTML 1Page - Rohm MCR006YZPFD Datasheet HTML 2Page - Rohm MCR006YZPFD Datasheet HTML 3Page - Rohm MCR006YZPFD Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.06 - Rev.H
Data Sheet
MCR006 (0201 size : 1 / 20W)
Dimensions (Unit : mm)
No.
Material
Resistive element
Silver thick film electrode
Nickel electrode
Sn electrode
Alumina substrate
Overcoating (Resin)
1
2
3
4
5
6
0.1
±0.05
0.15
±0.05
0.6
±0.03
1
2
4
5
6
3
Packaging
Reel
Taping
C
AB
D
AB
C
D
P0
P2
B0
A0
E
F
W
φD0
P1
Label
EIAJ ET-7200B compliant
Thick paper
Chip resistor
Pocket
Heat crimp cover Tape
T
(Unit : mm)
φ180
0
−15
φ60
+1
0
9
+1.0
0
φ13±0.2
WF
E
A0
B0
D0
P0
P1
P2
T
8.0
±0.2
3.5
±0.05
1.75
±0.1
0.38
±0.03 0.68±0.03
4.0
±0.1
2.0
±0.05
2.0
±0.05
Max. 0.50
φ1.5
+0.1
0
(Unit : mm)
Part No. Explanation
Packaging Specifications Code
C
MR 0
6
P
YZ
J
YZP
MCR006
15,000
Resistance tolerance
Part No.
Nominal resistance
0
φ180mm(7inch)
Paper tape (2mm Pitch)
J
±5%
F
D, F
J
:
:
4 digits
3 digits
±1%
D
±0.5%
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Resistance
tolerance
Resistance
code
J is also used
for jumper
Part No.
Resistance tolerance
J(
±5%)
Code
F(
±1%) D(±0.5%)
Packaging specifications
Reel
Basic ordering unit (pcs)
Reel (
φ180) : JEITA ET-7200B
: Standard product


Similar Part No. - MCR006YZPFD

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR006YZPF ROHM-MCR006YZPF Datasheet
98Kb / 6P
   Thick film rectangular
MCR006YZPF100 ROHM-MCR006YZPF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR006YZPF100 ROHM-MCR006YZPF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR006YZPF100 ROHM-MCR006YZPF100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR006YZPF100 ROHM-MCR006YZPF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR006YZPFD

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR004 ROHM-MCR004_11 Datasheet
154Kb / 5P
   Compact Film Chip Resistors
MCR004 ROHM-MCR004 Datasheet
157Kb / 5P
   Compact Film Chip Resistors
MCR01 ROHM-MCR01_11 Datasheet
138Kb / 4P
   Compact Thick Film Chip Resistors
MCR03_1111 ROHM-MCR03_1111 Datasheet
170Kb / 5P
   Compact Thick Film Chip Resistors
MCR10 ROHM-MCR10_11 Datasheet
128Kb / 4P
   Compact Thick Film Chip Resistors
MCR03 ROHM-MCR03_11 Datasheet
141Kb / 5P
   Compact Thick Film Chip Resistors
UCR18 ROHM-UCR18 Datasheet
164Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
UCR10 ROHM-UCR10 Datasheet
79Kb / 5P
   Low Ohmic Compact Thick Film Chip Resistors
SMR ROHM-SMR Datasheet
87Kb / 5P
   Ultra-Compact Chip Resistors
logo
List of Unclassifed Man...
RMD10JT100 ETC-RMD10JT100 Datasheet
902Kb / 11P
   Alloy Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com