Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5009FNX Datasheet(PDF) 2 Page - Rohm

Part # R5009FNX
Description  10V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R5009FNX Datasheet(HTML) 2 Page - Rohm

  R5009FNX Datasheet HTML 1Page - Rohm R5009FNX Datasheet HTML 2Page - Rohm R5009FNX Datasheet HTML 3Page - Rohm R5009FNX Datasheet HTML 4Page - Rohm R5009FNX Datasheet HTML 5Page - Rohm R5009FNX Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
R5009FNX
 
Electrical characteristics (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
100
nA VGS=±30V, VDS=0V
Drain-source breakdown voltage V(BR)DSS
500
-
-
V
ID=1mA, VGS=0V
Zero gate voltage drain current
IDSS
-
-
100
uA VDS=500V, VGS=0V
Gate threshold voltage
VGS (th)
2.0
-
4.0
V
VDS=10V, ID=1mA
Forward transfer admittance
l Yfs l
4.0
5.7
-
S
ID=4.5A, VDS=10V
Input capacitance
Ciss
-
630
-
pF
VDS=25V
Output capacitance
Coss
-
400
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-
25
-
pF
f=1MHz
Turn-on delay time
td(on)
-
24
-
ns
ID=4.5A, VDD 250V
Rise time
tr
-
20
-
ns
VGS=10V
Turn-off delay time
td(off)
-
50
-
ns
RL=55.6
Fall time
tf
-
40
-
ns
RG=10
Total gate charge
Qg
-
18
-
nC ID=9.0A, VDD 250V
Gate-source charge
Qgs
-
3.5
-
nC VGS=10V
Gate-drain charge
Qgd
-
5.5
-
nC
*Pulsed
Body diode characteristics (Source-Drain) (Ta = 25
C)
Symbol
Min.
Typ.
Max. Unit
Forward Voltage
VSD
-
-
1.5
V
Is=9.0A, VGS=0V
Reverse Recovery Time
trr
48
78
108
ns
*Pulsed
Is=9.0A, di/dt=100A/s
Conditions
Parameter
Conditions
Parameter
Static drain-source on-state
resistance
RDS (on)
ID=4.5A, VGS=10V
-
0.65
0.84
*
*
*
*
*
*
*
*
*
*
*
2/5
2011.07 - Rev.A


Similar Part No. - R5009FNX

ManufacturerPart #DatasheetDescription
logo
Rohm
R5009FNJ ROHM-R5009FNJ Datasheet
3Mb / 14P
   Nch 500V 9A Power MOSFET
More results

Similar Description - R5009FNX

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com