Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5011FNX Datasheet(PDF) 4 Page - Rohm

Part # R5011FNX
Description  10V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R5011FNX Datasheet(HTML) 4 Page - Rohm

  R5011FNX Datasheet HTML 1Page - Rohm R5011FNX Datasheet HTML 2Page - Rohm R5011FNX Datasheet HTML 3Page - Rohm R5011FNX Datasheet HTML 4Page - Rohm R5011FNX Datasheet HTML 5Page - Rohm R5011FNX Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
R5011FNX
Data Sheet
4/5
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.03 - Rev.A
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
1000
Ta = 25°C
Single Pulse : 1Unit
Rth(ch-a)(t) = r(t)×Rth(ch-a)
Rth(ch-a) = 50.4°C/W
10
100
1000
0.1
1
10
100
Ta= 25°C
di/dt= 100A/µs
VGS= 0V
Pulsed
Fig.13 Reverse Recovery Time
vs.Reverse Drain Current
0.01
0.1
1
10
100
0
0.5
1
1.5
VGS= 0V
Pulsed
Ta= 125°C
Ta= 75°C
Ta= 25°C
Ta= -25°C
Fig.10 Reverse Drain Current vs.
Sourse-Drain Voltage
0
5
10
15
0
1020
3040
Ta= 25°C
VDD= 250V
ID= 11.0A
RG= 10Ω
Pulsed
Fig.12 Dynamic Input Characteristics
1
10
100
1000
10000
0.01
0.1
1
10
100
1000
Ciss
Coss
Crss
Ta= 25°C
f= 1MHz
VGS= 0V
Fig.11 Typical Capacitance vs.
Drain-Source Voltage
1
10
100
1000
10000
0.1
1
10
100
Ta= 25°C
VDD= 250V
VGS= 10V
RG= 10Ω
Pulsed
tr
td(on)
tf
td(off)
Fig.14 Switching Characteristics
Fig.15 Normalized Transient Thermal Resistance vs. Pulse Width
TOTAL GATE CHARGE : Qg (nC)
DRAIN-SOURCE VOLTAGE : VDS (V)
SOURCE-DRAIN VOLTAGE : VSD (V)
REVERSE DRAIN CURRENT : IDR (A)
DRAIN CURRENT : ID (A)
PULSE WIDTH : Pw(s)


Similar Part No. - R5011FNX

ManufacturerPart #DatasheetDescription
logo
Rohm
R5011FNJ ROHM-R5011FNJ Datasheet
3Mb / 14P
   Nch 500V 11A Power MOSFET
More results

Similar Description - R5011FNX

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com