Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2D000SZBE Datasheet(PDF) 2 Page - C&K Components

Part # AP2D000SZBE
Description  Industrial Pushbutton Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

AP2D000SZBE Datasheet(HTML) 2 Page - C&K Components

  AP2D000SZBE Datasheet HTML 1Page - C&K Components AP2D000SZBE Datasheet HTML 2Page - C&K Components AP2D000SZBE Datasheet HTML 3Page - C&K Components AP2D000SZBE Datasheet HTML 4Page - C&K Components AP2D000SZBE Datasheet HTML 5Page - C&K Components AP2D000SZBE Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A-111
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
ACTUATOR STYLE
AP Series
Industrial Pushbutton Switch
STANDARD VIEW
ø 17,40
[0.685]
ø 12,35
[0.486]
1
2
SPST-NO
3
4
SEE SCHEMATIC
1
2
4
3
ELECTRICAL SCHEMATIC
10,90
0.429
[]
1,50
0.059
[]
4,20
0.165
[]
7,74
0.305
[]
8,80
0.346
[]
28,00
1.102
[]
3,90
0.154
[]
5,45
0.215
[]
4,50
0.177
[]
TYP
3,54
0.140
[]
TYP
1,64
0.065
[]
TYP
7,74
0.305
[]
TYP
3,54
0.140
[]
TYP
1,64
0.065
[]
TYP
7,74
0.305
[]
TYP
2,09
0.082
[]
TYP
3,99
0.157
[]
0,65
0.026
[]
TYP
8,19
0.323
[]
DOWN POSITION
Third Angle
Projection
D DOME / CONVEX
E EXTENDED DOME
C CONCAVE
NEW!
OPERATING FORCE
ACTUATOR COLOR
OPTION
CODE
OPERATING FORCE
2
2 N, 200 g
4
4 N, 400 g
OPTION
CODE
ACTUATOR COLOR
0
No Cap
2
Black
3
Red
4
Orange
5
Yellow
6
Green
For additional colors please contact Customer
Service.


Similar Part No. - AP2D000SZBE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
   Industrial Pushbutton Switch
More results

Similar Description - AP2D000SZBE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
   Industrial Pushbutton Switch
logo
C&K Components
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
28 Jul 21
AP CK-COMPONENTS-AP Datasheet
314Kb / 6P
   Industrial Pushbutton Switch
AP CK-COMPONENTS-AP_V01 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
2021
NP8S2T103QE CK-COMPONENTS-NP8S2T103QE Datasheet
721Kb / 7P
   Sealed Industrial Pushbutton Switch
NP CK-COMPONENTS-NP Datasheet
962Kb / 7P
   Sealed Industrial Pushbutton Switch
4 May 20
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
   AP Series Industrial Pushbutton Switch
logo
Omron Electronics LLC
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
   Pushbutton Switch
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
   Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
   Pushbutton Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com