Electronic Components Datasheet Search |
|
A10015RNZQE Datasheet(PDF) 5 Page - C&K Components |
|
A10015RNZQE Datasheet(HTML) 5 Page - C&K Components |
5 / 5 page K–7 Dimensions are shown: mm Specifications and dimensions subject to change www.ck-components.com K A Series 1-4 Pole Rotary Switches FUNCTION AVAILABLE HARDWARE SPLASHPROOF BUSHING SEAL (FIG. 1) (FIG. 2) (FIG. 3) REMOVABLE CLIP LOCATING TAB STANDOFF K EPOXY & SPLASHPROOF BUSHING SEAL F SPLASHPROOF BUSHING SEAL NONE NO SEAL E EPOXY SEAL Stop ring PART NO. 767B00201 Material: Brass Finish: Nickel plated Setting Stops on A112 and A125 Models The number of switch positions is adjustable on A112 and A125 models only by means of a stop ring provided with each switch. The number of positions is pre-set on all other models and the stop ring is factory installed. Soldering 1. Insert switch base only into PC board. 2. Do not bend terminals. 3. Wave soldering recommended at 500F solder temperature. 4. Hand solder at 500F, 10 sec. max./terminal. Switch Assembly 1. Hold housing/shaft assembly by housing. Remove protective cap by squeezing tabs and discard. (FIG. 1) 2. Do not push on switch shaft. Detent mechanism will come apart. 3. While holding switch housing, align locating tab on base with notch on housing and engage 4 housing latches in slots on base. (FIG. 2) 4. Push firmly on housing until latches snap in place. 5. Remove clip from shaft and discard. Assembly is complete. (FIG. 3) Cleaning 1. Flux clean using vapor degreaser and forced rinse or triple bath method. 2. Do not allow switch base to ‘trap’ fluids. 3. Freon TMC, TF or Methylene Chloride give excellent results. To set stops: Turn shaft fully counter-clockwise and insert stop ring tab in desired hole. Install lockwasher and nut to retain stop ring for both PC and panel mounting. Switch without stop ring has 12 positions. Soldering, Cleaning and Assembly Instructions for ‘MC’ Termination Option |
Similar Part No. - A10015RNZQE |
|
Similar Description - A10015RNZQE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |