Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADKHC2P04AC Datasheet(PDF) 5 Page - C&K Components

Part # ADKHC2P04AC
Description  General Purpose Snap-acting Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ADKHC2P04AC Datasheet(HTML) 5 Page - C&K Components

  ADKHC2P04AC Datasheet HTML 1Page - C&K Components ADKHC2P04AC Datasheet HTML 2Page - C&K Components ADKHC2P04AC Datasheet HTML 3Page - C&K Components ADKHC2P04AC Datasheet HTML 4Page - C&K Components ADKHC2P04AC Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MAXIMUM OPERATING
FORCE (OZ./GRAMS)
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
A Series
General Purpose Snap-acting Switches
ACTUATOR
NOTE: For basic switch operating forces, see page J-57.
SWITCH CHARACTERISTICS
OPERATING
POSITION
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
.718
(18,24)
.718
(18,24)
.312
(7,92)
312
(7,92)
.718
(18,24)
312
.187
(7,92)
(4,75)
.14
(5,6)
050
(1,27)
.050
(1,27)
.187
(4,75)
.
062
(1,57)
.050
(1,27)
.050
(1,27)
.187
(4,75)
.062
(1,57)
.312
(7,92)
.25
(6,4)
.050
(1,27)
.050
(1,27)
.050
(1,27)
.281
(7,14)
.050
(1,27)
.050
(1,27)
.312
(7,92)
.281
(7,14)
0.3
0.5
1
8.5
14
28
0.4
0.5
1
11
14
28
1
36
28
85
170
13
6
28
85
170
13
6
28
85
170
0.5
12
14
28
56.7
1
36
28
85
170
13
6
28
85
170
0.3
0.5
1
8.5
14
28
0.5
1
2
14
28
56.7
1.5
4
6
10
42.5
113
170
283
1.5
46
10
42.5
113
170
283
8
20
30
40
227
567
850
1134
8
20
30
40
227
567
850
1134
5
20
30
40
142
567
850
1134
3
12
18
22
85
340
510
624
8
20
30
40
227
567
850
1134
5
20
30
40
142
567
850
1134
1.5
4
6
10
42.5
113
170
283
3
12
18
22
85
340
510
624
MINIMUM
OVERTRAVEL
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
MAXIMUM
PRETRAVEL
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
MINIMUM RELEASE
FORCE (OZ./GRAMS)
GG
KH
PD
PF
S.P.
S.P.
D.P
D.P.
OPTION
CODE
A0
A2
B1
BB
J0
L0
P0
Q0
T0
W0
TERMINATIONS
4A
.250" QUICK CONNECT
NOTE: Terminals can be supplied at various angles. Other terminal styles can be supplied for
special applications. Consult Customer Service Center for special requirements.
CIRCUITRY
Y
ST N.O. (Single Throw, Normally Open)
W
ST N.C. (Single Throw, Normally Closed)
C
DT (Double Throw, Normally Open & Normally Closed)
NOTE: To select number of poles, see NO. POLES section, page J-56
J
J–59
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com


Similar Part No. - ADKHC2P04AC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ADKHC2P04AC ITT-ADKHC2P04AC Datasheet
373Kb / 6P
   General Purpose Snap-acting Switches
logo
C&K Components
ADKHC2P04AC CK-COMPONENTS-ADKHC2P04AC Datasheet
555Kb / 5P
   General Purpose Snap-acting Switches
14 Jan 19
More results

Similar Description - ADKHC2P04AC

ManufacturerPart #DatasheetDescription
logo
C&K Components
A CK-COMPONENTS-A_V01 Datasheet
580Kb / 5P
   General Purpose Snap-acting Switches
27 Oct 21
logo
ITT Industries
ASKHC2P04AC ITT-ASKHC2P04AC Datasheet
373Kb / 6P
   General Purpose Snap-acting Switches
logo
C&K Components
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TMCGD6SP0040C CK-COMPONENTS-TMCGD6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
C&K Components
TFSERIESSNAP CK-COMPONENTS-TFSERIESSNAP Datasheet
213Kb / 7P
   Miniature Snap-acting Switches
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
logo
C&K Components
LCA CK-COMPONENTS-LCA Datasheet
177Kb / 5P
   Subminiature Snap-acting Switches
ZMA CK-COMPONENTS-ZMA Datasheet
210Kb / 4P
   Subminiature Snap-acting Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com