Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OA80AP-22-2 Datasheet(PDF) 1 Page - ORION FANS

Part # OA80AP-22-2
Description  AC Fan - 115V, 230V, Dual Voltage 80 x 38mm(3.15??x 1.5??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA80AP-22-2 Datasheet(HTML) 1 Page - ORION FANS

  OA80AP-22-2 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHSCompliant
6
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OA80 Series
Frame
DiecastAluminum
Operating Temperature
Ball Bearing
-20C ~ +80C
Sleeve Bearing
-10C ~ +50C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Sleeve Bearing
30,000 hours (L10 at 40C)
Dual Voltage
Connection via 4x leads.
Fans can be configured for
115V or 230V operation.
Impeller
PBT, UL94V-O plastic
Connection
2x Lead Wires 22AWG or
terminals
Motor
Shaded pole, impedance
protected
Bearing System
Dual ball or Sleeve
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
(2.81")
(3.15")
4.3
.2 (.169") DIA.
HOLE THRU (FAR WALL)
TYP. 4 PLACES
M4 GROUND HOLE
38.1
0.5
80.0
0.5
71.5
0.3
TIO
N
Model Number
Speed (RPM) Airflow (CFM) Noise (dB) Volts AC
Voltage
Range
Watts
Max. Static
Pressure (“H2O)
OA80AP-11-1*
3000
31
29
115
80~130
12
0.24
OA80AP-11-2*
2300
23
22
115
80~130
9
0.15
OA80AP-11-3*
1600
17
18
115
80~130
5
0.10
OA80AP-22-1*
3000
31
29
230
160~260
12
0.24
OA80AP-22-2*
2300
23
22
230
160~260
9
0.15
OA80AP-22-3*
1600
17
18
230
160~260
5
0.10
OA80AP-11/22-1W**
3000
31
29
115/230
80~260
12
0.24
OA80AP-11/22-2W**
2300
23
22
115/230
80~260
9
0.15
OA80AP-11/22-3W**
1600
17
18
115/230
80~260
5
0.10
* Indicate “TB” (Terminal Ball Bearing), “WB” (12” Wire Leads, Ball Bearing), “TS” (Terminal, Sleeve Bearing), “WS” (12” Wire Leads, Sleeve Bearing)
** Indicate “B” (Ball Bearing) or “S” (Sleeve Bearing)
Alternate 5 blade frame style available (m2)
AC Fan - 115V, 230V, Dual Voltage
80 x 38mm(3.15” x 1.5”)
m0
77282 2009_fan_cat sec 1:Layout 1
8/3/09
8:57 AM
Page 6


Similar Part No. - OA80AP-22-2

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA80AP-22-2 ORIONFANS-OA80AP-22-2 Datasheet
212Kb / 1P
   AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA80AP-22-21855 ORIONFANS-OA80AP-22-21855 Datasheet
261Kb / 1P
   AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
More results

Similar Description - OA80AP-22-2

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA80-METAL ORIONFANS-OA80-METAL Datasheet
261Kb / 1P
   AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA80 ORIONFANS-OA80_16 Datasheet
212Kb / 1P
   AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA938 ORIONFANS-OA938 Datasheet
95Kb / 1P
   AC Fan - 115V, 230V, Dual Voltage 92 x 38mm(3.62??x 1.5??
OA119 ORIONFANS-OA119 Datasheet
96Kb / 1P
   AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA825 ORIONFANS-OA825_16 Datasheet
397Kb / 1P
   AC Fan - 115V, 230V 80 x 25mm (3.15??x 1.0??
OA938-METAL ORIONFANS-OA938-METAL Datasheet
289Kb / 1P
   AC Fan - 115V, 230V 92 x 38mm(3.62??x 1.5??
OA119-METAL ORIONFANS-OA119-METAL Datasheet
266Kb / 1P
   AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA119 ORIONFANS-OA119_16 Datasheet
113Kb / 1P
   AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA938 ORIONFANS-OA938_16 Datasheet
431Kb / 1P
   AC Fan - 115V, 230V 92 x 38mm(3.62??x 1.5??
OA1238AP ORIONFANS-OA1238AP Datasheet
442Kb / 1P
   AC Fan - 115V, 230V 120 x 38mm (4.7??x 1.5??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com