Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS110AG Datasheet(PDF) 1 Page - Rohm

Part # SCS110AG
Description  SiC Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS110AG Datasheet(HTML) 1 Page - Rohm

  SCS110AG Datasheet HTML 1Page - Rohm SCS110AG Datasheet HTML 2Page - Rohm SCS110AG Datasheet HTML 3Page - Rohm SCS110AG Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SiC Schottky Barrier Diode
SCS110AG
Applications
Dimensions
(Unit : mm)
Structure
Switching power supply
Features
1)Shorter recovery time
2)Reduced temperature dependence
3)High-speed switching possible
Construction
Silicon carbide epitaxial planer type
Absolute maximum ratings
(Ta=25°C)
Symbol
Unit
VRM
V
VR
V
IF
A
IFSM
A
Tj
°C
Tstg
°C
Electrical characteristics
(Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
VDC
600
-
-
V
IR=0.2mA
VF
-
1.5
1.7
V
IF=10A
IR
-
2.0
200
μAVR=600V
-
430
-
pF
VR=1V,f=1MHz
-
47
-
pF
VR=600V,f=1MHz
Qc
-
16
-
nC
VR=400V,di/dt=350A/μs
tc
-
15
-
ns
VR=400V,di/dt=350A/μs
Rth(j-c)
-
-
1.8
°C/W
junction to case
Forward voltage
Reverse current
Thermal resistance
Total capacitance
C
Total capacitive charge
Switching time
Storage temperature
55 to 150
(*1)Tc=117°C max
(*2)PW=8.3ms sinusoidal
Parameter
DC blocking voltage
Continuous forward current (*1)
10
Forward current surge peak (60Hz・1cyc) (*2)
40
Junction temperature
150
Parameter
Limits
Reverse voltage (repetitive)
600
Reverse voltage (DC)
600
ROHM : TO-220AC
1/3
2011.04 - Rev.A
www.rohm.com
©20
11 ROHM Co., Ltd. All rights reserved.


Similar Part No. - SCS110AG

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS110AG ROHM-SCS110AG Datasheet
136Kb / 1P
   SiC Schottky Barrier Diodes
SCS110AG ROHM-SCS110AG Datasheet
442Kb / 4P
   SiC Schottky Barrier Diode
SCS110AG ROHM-SCS110AG Datasheet
114Kb / 2P
   Part No. Explanation
SCS110AGC ROHM-SCS110AGC Datasheet
442Kb / 4P
   SiC Schottky Barrier Diode
More results

Similar Description - SCS110AG

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com