Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL05-1A72-71DHR Datasheet(PDF) 1 Page - Meder Electronic

Part # SIL05-1A72-71DHR
Description  SIL Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

SIL05-1A72-71DHR Datasheet(HTML) 1 Page - Meder Electronic

  SIL05-1A72-71DHR Datasheet HTML 1Page - Meder Electronic SIL05-1A72-71DHR Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIL05-1A72-71DHR
Item:
| Email: salesasia@meder.com
3305172671
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Coil Data at 20 °C
Conditions
Min
Typ
Max
Unit
Coil resistance
Coil voltage
Rated power
= operating temperature + self heating
Thermal resistance
Pull-In voltage
Drop-Out voltage
Contact data 66/3
Conditions
Min
Typ
Max
Unit
!"##!!$%
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
DC or Peak AC
Carry current
&'()#*+!,(#,
Start Value
Contact resistance static
&#,'$
##!
Start Value
Contact resistance dynamic
-
RH <45 %, 100 V test voltage
Insulation resistance
according to IEC 255-5
Breakdown voltage
'
measured with 40% overdrive
Operate time incl. bounce
'
measured with no coil excitation
Release time
.
@ 10 kHz across open switch
Capacity
Special Product Data
Conditions
Min
Typ
Max
Unit
1
Number of contacts
A - NO
Contact - form
/
according to EN 60255-5
Dielectric Strength Coil/Contact
-
RH <45%, 200 VDC measuring voltage
Insulation resistance Coil/Contact
epoxy resin
Housing material
FeNi-alloy tin plated
Connection pins
yes
Reach / RoHS conformity
Modifications in the sense of technical progress are reserved
10.03.04
SCHELLHORN
THAUKE
1
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
12.07.11
CRUF
Approval by:
Approval by:
12.07.11
Approval at:
Approval at:


Similar Part No. - SIL05-1A72-71DHR

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL05-1A72-71DHR MEDER-SIL05-1A72-71DHR Datasheet
511Kb / 4P
   Single-In-Line
SIL05-1A72-71DHR_DE MEDER-SIL05-1A72-71DHR_DE Datasheet
149Kb / 2P
   (deutsch) SIL Reed Relay
More results

Similar Description - SIL05-1A72-71DHR

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL12-1B90-71L MEDER-SIL12-1B90-71L Datasheet
74Kb / 1P
   SIL Reed Relay
SIL15-1A72-71Q MEDER-SIL15-1A72-71Q Datasheet
128Kb / 2P
   SIL Reed Relay
SIL05-1C90-51Q MEDER-SIL05-1C90-51Q Datasheet
74Kb / 1P
   SIL Reed Relay
SIL12-1A84-71D MEDER-SIL12-1A84-71D_09 Datasheet
84Kb / 2P
   SIL Reed Relay
SIL05-1A72-71M MEDER-SIL05-1A72-71M Datasheet
116Kb / 2P
   SIL Reed Relay
SIL05-1A72-71Q MEDER-SIL05-1A72-71Q Datasheet
129Kb / 2P
   SIL Reed Relay
SIL05-1B90-71D MEDER-SIL05-1B90-71D Datasheet
69Kb / 1P
   SIL Reed Relay
SIL05-1C90-51D MEDER-SIL05-1C90-51D Datasheet
74Kb / 1P
   SIL Reed Relay
SIL24-1A75-73L MEDER-SIL24-1A75-73L Datasheet
119Kb / 2P
   SIL Reed Relay
SIL12-1A72-71QHR MEDER-SIL12-1A72-71QHR Datasheet
132Kb / 2P
   SIL Reed Relay
SIL12-1A72-73L MEDER-SIL12-1A72-73L Datasheet
74Kb / 1P
   SIL Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com