Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL05-1A72-71L Datasheet(PDF) 2 Page - Meder Electronic

Part # SIL05-1A72-71L
Description  SIL Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

SIL05-1A72-71L Datasheet(HTML) 2 Page - Meder Electronic

  SIL05-1A72-71L Datasheet HTML 1Page - Meder Electronic SIL05-1A72-71L Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIL05-1A72-71L
Item:
| Email: salesasia@meder.com
3305100071
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Environmental data
Conditions
Min
Typ
Max
Unit
+
1/2 sine, duration 11ms, in 3 axis
Shock
+
from 10 - 2000 Hz
Vibration
,
-
Operating temperature
,
.
-
Storage temperature
,
/
wave soldering max. 5 sec.
Soldering temperature
fully sealed
Washability
General data
Conditions
Min
Typ
Max
Unit
+
Total weigth
tube per 25 pcs.
Packaging
Modifications in the sense of technical progress are reserved
05.03.04
SCHELLHORN
THAUKE
5
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
09.05.11
CRUF
KOLBRICH
Approval by:
Approval by:
31.03.09
Approval at:
09.05.11
Approval at:


Similar Part No. - SIL05-1A72-71L

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL05-1A72-71LHR MEDER-SIL05-1A72-71LHR Datasheet
75Kb / 1P
   SIL Reed Relay
SIL05-1A72-71LHR MEDER-SIL05-1A72-71LHR Datasheet
511Kb / 4P
   Single-In-Line
SIL05-1A72-71LHR_DE MEDER-SIL05-1A72-71LHR_DE Datasheet
92Kb / 1P
   (deutsch) SIL Reed Relay
SIL05-1A72-71L_DE MEDER-SIL05-1A72-71L_DE Datasheet
146Kb / 2P
   (deutsch) SIL Reed Relay
More results

Similar Description - SIL05-1A72-71L

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL12-1B90-71L MEDER-SIL12-1B90-71L Datasheet
74Kb / 1P
   SIL Reed Relay
SIL15-1A72-71Q MEDER-SIL15-1A72-71Q Datasheet
128Kb / 2P
   SIL Reed Relay
SIL05-1C90-51Q MEDER-SIL05-1C90-51Q Datasheet
74Kb / 1P
   SIL Reed Relay
SIL12-1A84-71D MEDER-SIL12-1A84-71D_09 Datasheet
84Kb / 2P
   SIL Reed Relay
SIL05-1A72-71M MEDER-SIL05-1A72-71M Datasheet
116Kb / 2P
   SIL Reed Relay
SIL05-1A72-71Q MEDER-SIL05-1A72-71Q Datasheet
129Kb / 2P
   SIL Reed Relay
SIL05-1B90-71D MEDER-SIL05-1B90-71D Datasheet
69Kb / 1P
   SIL Reed Relay
SIL05-1C90-51D MEDER-SIL05-1C90-51D Datasheet
74Kb / 1P
   SIL Reed Relay
SIL24-1A75-73L MEDER-SIL24-1A75-73L Datasheet
119Kb / 2P
   SIL Reed Relay
SIL12-1A72-71QHR MEDER-SIL12-1A72-71QHR Datasheet
132Kb / 2P
   SIL Reed Relay
SIL12-1A72-73L MEDER-SIL12-1A72-73L Datasheet
74Kb / 1P
   SIL Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com