Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMLK34 Datasheet(PDF) 3 Page - Rohm

Part # SMLK34
Description  High heat radiation package from ROHM original flat frame
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLK34 Datasheet(HTML) 3 Page - Rohm

  SMLK34_11 Datasheet HTML 1Page - Rohm SMLK34_11 Datasheet HTML 2Page - Rohm SMLK34_11 Datasheet HTML 3Page - Rohm SMLK34_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMLK34 Series
Rank Reference of Brightness
White (WB)
(Ta=25˚C, IF=60mA)
Package
size
(mm)
Luminous
Intensity
(mcd)
Height(mm)
C
D
E
F
G
H
2200 to 2700 2700 to 3300 3300 to 4000 4000 to 4800 4800 to 5800 5800 to 7000
PSML2
4520
0.6
SMLK34WBEAW
SMLK34WBEBW
SMLK34WBECW
SMLK34WBEDW
Part No. Construction
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L K 3 4 W B E
F
C W 1
Chromaticity rank
Series name
Package name Chip Type
Emitting Color
Resin Color Taping Specifications Brightness Rank∗
4 Ultra High Brightness Type
W MilkyWhite
WB White
1 Cathode at sprocket hole side
1
A
B
C
D
P
High color rendering: color temperature around 5000K
High color rendering: color temperature around 2800K
Color temperature around 8000K
Color temperature around 6000K
Color temperature around 3000K
W Wide gamut type
Center Color
temperature
3/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SMLK34_11

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLK34WBEAW ROHM-SMLK34WBEAW Datasheet
1,018Kb / 4P
   High heat radiation package from ROHM original flat frame structure
SMLK34WBEAW11F ROHM-SMLK34WBEAW11F Datasheet
1,018Kb / 4P
   High heat radiation package from ROHM original flat frame structure
SMLK34WBEBW ROHM-SMLK34WBEBW Datasheet
1,018Kb / 4P
   High heat radiation package from ROHM original flat frame structure
SMLK34WBEBW11F ROHM-SMLK34WBEBW11F Datasheet
1,018Kb / 4P
   High heat radiation package from ROHM original flat frame structure
SMLK34WBECW ROHM-SMLK34WBECW Datasheet
1,018Kb / 4P
   High heat radiation package from ROHM original flat frame structure
More results

Similar Description - SMLK34_11

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLK34 ROHM-SMLK34 Datasheet
1,018Kb / 4P
   High heat radiation package from ROHM original flat frame structure
SMLK19 ROHM-SMLK19 Datasheet
1,015Kb / 4P
   High heat radiation package from ROHM original flat flame structure
SMLK18WB ROHM-SMLK18WB Datasheet
315Kb / 11P
   High heat radiation "PSML2" series
logo
Rochester Electronics
AM186ED-40KI ROCHESTER-AM186ED-40KI Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
logo
Sharp Corporation
PC411L0YIP0F SHARP-PC411L0YIP0F Datasheet
205Kb / 13P
   High Speed 15Mb/s, High CMR Mini-flat Package OPIC Mini-flat Package ?뾑PIC
logo
Rohm
SLR-342MC3F ROHM-SLR-342MC3F Datasheet
878Kb / 4P
   ROHM Customer Support System
logo
Lumileds Lighting Compa...
DS107 LUMILEDS-DS107 Datasheet
2Mb / 15P
   The original high power LED
logo
Sharp Corporation
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
   Mini-flat Package, High CMR Photocoupler
PC355NT SHARP-PC355NT Datasheet
54Kb / 5P
   Mini-Flat Package, High Sensitivity Photocoupler
logo
Lumileds Lighting Compa...
PB107 LUMILEDS-PB107 Datasheet
1Mb / 2P
   The original high-power LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com