Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BS Datasheet(PDF) 5 Page - Micro Commercial Components

Part # BC847BS
Description  Dual NPN Small Signal Transistor 300mW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC847BS Datasheet(HTML) 5 Page - Micro Commercial Components

  BC847BS_11 Datasheet HTML 1Page - Micro Commercial Components BC847BS_11 Datasheet HTML 2Page - Micro Commercial Components BC847BS_11 Datasheet HTML 3Page - Micro Commercial Components BC847BS_11 Datasheet HTML 4Page - Micro Commercial Components BC847BS_11 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
5 of 5
3
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Device
Packing
Part Number-
TP
Tape&Reel;3Kpcs/Reel


Similar Part No. - BC847BS_11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BS-13-F DIODES-BC847BS-13-F Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BS DIODES-BC847BS_1 Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
BC847BS DIODES-BC847BS_15 Datasheet
245Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Unisonic Technologies
BC847BS UTC-BC847BS_15 Datasheet
119Kb / 3P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Similar Description - BC847BS_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC847BS MCC-BC847BS Datasheet
229Kb / 5P
   Dual NPN Small Signal Transistor 300mW
logo
Taiwan Semiconductor Co...
MMBTA05 TSC-MMBTA05_15 Datasheet
749Kb / 4P
   300mW, NPN Small Signal Transistor
BC817-16 TSC-BC817-16 Datasheet
81Kb / 2P
   300mW, NPN Small Signal Transistor
BC817-16 TSC-BC817-16_14 Datasheet
255Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_11 Datasheet
518Kb / 3P
   300mW, NPN Small Signal Transistor
MMBT2222A TSC-MMBT2222A_15 Datasheet
256Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT3904L TSC-MMBT3904L Datasheet
253Kb / 4P
   300mW, NPN Small Signal Transistor
BC817-16 TSC-BC817-16_10 Datasheet
902Kb / 2P
   300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_14 Datasheet
221Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT2222A TSC-MMBT2222A Datasheet
214Kb / 3P
   300mW, NPN Small Signal Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com