Electronic Components Datasheet Search |
|
SML-P11MT Datasheet(PDF) 1 Page - Rohm |
|
SML-P11MT Datasheet(HTML) 1 Page - Rohm |
1 / 4 page Data Sheet 0.6 0.4 1 Terminal Cathode mark 0.6 Tolerance : ±0.05 (unit : mm) (unit : mm) RELATIVE INTENSITY (%) 10° 10° 20° 20° 40° 50° 70° 80° 40° 50° 70° 80° 0 50 100 50 100 0° 30° 60° 90° 30° 60° 90° ANGULAR DISPLACEMENT (deg) Y X Y’ X’ RELATIVE INTENSITY (%) 10° 10° 20° 20° 40° 50° 70° 80° 40° 50° 70° 80° 0 50 100 50 100 0° 30° 60° 90° 30° 60° 90° SCANNING ANGLE (deg) Y X RELATIVE INTENSITY (%) 10° 10° 20° 20° 40° 50° 70° 80° 40° 50° 70° 80° 0 50 100 50 100 0° 30° 60° 90° 30° 60° 90° ANGULAR DISPLACEMENT (deg) RELATIVE INTENSITY (%) 10° 10° 20° 20° 40° 50° 70° 80° 40° 50° 70° 80° 0 50 100 50 100 0° 30° 60° 90° 30° 60° 90° SCANNING ANGLE (deg) Y’ X’ Dimensions Recommended Solder Pattern Viewing Angle Part No. Chip Structure Emitting Color Absolute Maximum Ratings (Ta=25℃) Electrical and Optical Characteristics (Ta=25℃) Power Dissipation PD(mW) Forward Current IF(mA) Peak Forward Current IFP(mA) Reverse Voltage VR(V) Operating Temp. Topr(℃) Storage Temp. Tstg(℃) Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV Typ. (V) IF(mA) Max. (μA) VR(V) Min.* 2 (nm) Typ. (nm) Max.* 2 (nm) IF(mA) Min. (mcd) Typ. (mcd) IF(mA) ■ SML-P12VT AIGaInP on GaAs Red 50 20 100* 1 5 -40 to +85 -40 to +100 2.0 20 100 4 625 630 635 20 25 60 20 ■ SML-P12UT 615 620 625 85 ■ SML-P12DT Orange 52 2.1 602 605 608 40 100 ■ SML-P12YT Yellow 587 590 593 130 ■ SML-P12MT Yellowish Green 54 2.2 569 572 575 10 35 ■ SML-P12PT Green 557 560 563 4.0 13 ■ SMLP12BC7T InGaN Blue 66 2.9 5 5 465 470 475 5 5.6 17 5 ■ SMLP12WBC7W White (x, y) (0.30, 0.30) 36 71 ■ SMLP12HBC7W Pink 74 10 (x, y) (0.23, 0.10) 14 22 PICOLEDTM-eco *1:Duty1/10, 1kHz *2:Reference PICOLEDTM Part No. Chip Structure Emitting Color Absolute Maximum Ratings (Ta=25℃) Electrical and Optical Characteristics (Ta=25℃) Power Dissipation PD(mW) Forward Current IF(mA) Peak Forward Current IFP(mA) Reverse Voltage VR(V) Operating Temperature Topr(℃) Storage Temperature Tstg(℃) Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV Typ. (V) IF(mA) Max. (μA) VR(V) Min.* 2 (nm) Typ. (nm) Max.* 2 (nm) IF(mA) Min. (mcd) Typ. (mcd) IF(mA) ■ SML-P11VT AIGaInP on GaAs Red 50 20 100* 1 5 -40 to +85 -40 to +100 1.8 1 10 4 621 626 631 1 1 3.6 1 ■ SML-P11UT 616 621 626 1.6 5.5 ■ SML-P11DT Orange 52 1.9 602 605 608 2.5 7.3 ■ SML-P11YT Yellow 583 586 589 7.6 ■ SML-P11MT Yellowish Green 54 566 569 572 0.63 2.1 SML-P11/-P12 Series SMLP12 Series Features ・Ultra compact, thin size 1.0×0.6mm ・Thinnest size in the world* t=0.2mm ・Original device technology enables high brightness and high reliability ・Accomplishes low power consuming application ・Specification assured at IF=1mA (PICOLEDTM-eco) *Investigated Aug. 2009 Color Type V U D Y M P B WB HB 1006(0402) 1.0×0.6mm(t=0.2mm) SML-P1 Series Directivity (deg) RELATIVE INTENSITY (%) Directivity (deg) RELATIVE INTENSITY (%) Directivity (deg) RELATIVE INTENSITY (%) Directivity (deg) RELATIVE INTENSITY (%) *1:Duty1/10, 1kHz *2:Reference Specifications PICOLEDTM is ROHM's pending trademark. PICOLEDTM-eco/PICOLEDTM 1/3 © 2011 ROHM Co., Ltd. All rights reserved. www.rohm.com 2011.05 - Rev.B |
Similar Part No. - SML-P11MT |
|
Similar Description - SML-P11MT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |