Electronic Components Datasheet Search |
|
SML-M13WBTT86P Datasheet(PDF) 3 Page - Rohm |
|
SML-M13WBTT86P Datasheet(HTML) 3 Page - Rohm |
3 / 4 page SML-M1 Series Rank Reference of Brightness Red (V, U) (Ta=25˚C, IF=20mA) Package size(mm) Luminous Intensity (mcd) Height(mm) K L M N P Q R S T U V W X 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600 Small LEDs with reflector 20125 0.8 SML-M13VT SML-M13UT Orange (D) (Ta=25˚C, IF=20mA) Package size(mm) Luminous Intensity (mcd) Height(mm) K L M N P Q R S T U V W X 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600 Small LEDs with reflector 20125 0.8 SML-M13DT Yellow (Y) (Ta=25˚C, IF=20mA) Package size(mm) Luminous Intensity (mcd) Height(mm) K L M N P Q R S T U V W X 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600 Small LEDs with reflector 20125 0.8 SML-M13YT Green (M, P) (Ta=25˚C, IF=20mA) Package size(mm) Luminous Intensity (mcd) Height(mm) K L M N P Q R S T U V W X 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1800 Small LEDs with reflector 20125 0.8 SML-M13PT SML-M13MT Blue (B) (Ta=25˚C, IF=5mA) Package size (mm) Luminous Intensity (mcd) Height(mm) K L M N P Q R S T U V W 3.6 to 5.6 5.6 to 9.0 9 to 14 14 to 22 22 to 36 36 to 56 56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900 Small LEDs with reflector 20125 0.8 SMLM12BC7T White (WB) (Ta=25˚C, IF=5mA) Package size (mm) Luminous Intensity (mcd) Height(mm) P Q R S T U V W 25 to 36 36 to 56 56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900 Small LEDs with reflector 20125 0.8 SMLM12WBC7W Part No. Construction ∗ Concerning the Brightness rank • Please refer to the rank chart above for luminous intensity classification. • Part name is individual for each rank. • When shipped as sample, the part name will be a representative part name. General products are free of ranks. Please contact sales if rank appointment is needed. S M L M 1 2 M T P T 8 6 Special Code will be applied for Emitting color W/B/E series. Chromaticity rank(for white LED) ∗ “−” will be taken out for emitting color W/B/E series. Series name Package name Chip Type Emitting Color Resin Color Taping Specifications Rank sign (Brightness Rank)∗ V U 2 High Brightness Type 3 Ultra High Brightness Type D Y M B WB T Transparent Colorless W MilkyWhite Red:630nm Red:620nm Orange:605nm Yellow:587(590)nm Yellowish-Green:572nm P Green:560nm Blue:470nm White T86 T87 1 Cathode at sprocket hole side For white LED, cathode at sprocket hole side Reverse of T86 Packing Specification ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags. Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request. Please contact the nearest sales office or distributer if necessary. 3/3 © 2011 ROHM Co., Ltd. All rights reserved. www.rohm.com 2011.05 - Rev.B |
Similar Part No. - SML-M13WBTT86P |
|
Similar Description - SML-M13WBTT86P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |