Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-M12VWT86P Datasheet(PDF) 2 Page - Rohm

Part # SML-M12VWT86P
Description  Compact LED with reflector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-M12VWT86P Datasheet(HTML) 2 Page - Rohm

  SML-M12VWT86P Datasheet HTML 1Page - Rohm SML-M12VWT86P Datasheet HTML 2Page - Rohm SML-M12VWT86P Datasheet HTML 3Page - Rohm SML-M12VWT86P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FORWARD VOLTAGE:VF (V)
100
10
2.0
2.5
1.5
1.0
Ta=25°C
SML-M13VT
SML-M13UT
SML-M13DT
SML-M13YT
SML-M13MT
SML-M13PT
AMBIENT TEMPERATURE:Ta (°C)
30
20
10
-40 -20
0
20
40
60
80 100
0
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
SML-M13VT
SML-M13UT
SML-M13DT
SML-M13YT
SML-M13MT
SML-M13PT
FORWARD CURRENT:IF (mA)
0
5
10
15
25
30
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Ta=25°C
SML-M13VT
SML-M13UT
SML-M13DT
SML-M13YT
SML-M13MT
SML-M13PT
AMBIENT TEMPERATURE:Ta (°C)
40
30
20
10
-40
-20
0
20
40
60
80
100
0
Ta=25°C
SML-M13VT
SML-M13UT
SML-M13DT
SML-M13YT
SML-M13MT
SML-M13PT
100
10
1.0
FORWARD VOLTAGE:VF (V)
3.1
2.8
2.9
3.0
3.2
ATMOSPHERE TEMPERATURE:Ta (°C)
1.4
1.2
1
0.8
0.6
0.4
-40 -20
0
20
40
60
80 100
1.6
IF=5mA
FORWARD CURRENT:IF (mA)
0
5
10
15
20
0
2
1
4
3
Ta=25°C
SMLM12BC7T
SMLM12WBC7W
SMLM12BC7T
SMLM12WBC7W
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-M1 Series
SMLM12BC7T
SMLM12WBC7W
SMLM12BC7T
SMLM12WBC7W
2/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


Similar Part No. - SML-M12VWT86P

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-M13DT ROHM-SML-M13DT Datasheet
479Kb / 12P
   Compact LED with reflector
SML-M13MT ROHM-SML-M13MT Datasheet
479Kb / 12P
   Compact LED with reflector
SML-M13PT ROHM-SML-M13PT Datasheet
479Kb / 12P
   Compact LED with reflector
SML-M13UT ROHM-SML-M13UT Datasheet
479Kb / 12P
   Compact LED with reflector
SML-M13VT ROHM-SML-M13VT Datasheet
479Kb / 12P
   Compact LED with reflector
More results

Similar Description - SML-M12VWT86P

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-M13VT ROHM-SML-M13VT Datasheet
479Kb / 12P
   Compact LED with reflector
logo
Everlight Electronics C...
96-22SYGC EVERLIGHT-96-22SYGC Datasheet
114Kb / 6P
   High Performance with Reflector LED
logo
ams AG
LST67F.01 AMSCO-LST67F.01 Datasheet
1Mb / 22P
   SMT LED with integrated reflector.
Version 1.3 2023-07-24
LAT67F.01 AMSCO-LAT67F.01 Datasheet
1Mb / 22P
   SMT LED with integrated reflector.
Version 1.2 2023-07-20
LRT67F.01 AMSCO-LRT67F.01 Datasheet
1Mb / 21P
   SMT LED with integrated reflector.
Version 1.2 2023-07-25
logo
Roithner LaserTechnik G...
TOLATG004 ROITHNER-TOLATG004 Datasheet
229Kb / 2P
   Reflector LED
TOLATB004 ROITHNER-TOLATB004 Datasheet
344Kb / 2P
   Reflector LED
TOLATR002 ROITHNER-TOLATR002 Datasheet
233Kb / 2P
   Reflector LED
logo
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com