Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW66H Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BCW66H
Description  NPN Small Signal Transistor 330mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BCW66H Datasheet(HTML) 2 Page - Micro Commercial Components

  BCW66H Datasheet HTML 1Page - Micro Commercial Components BCW66H Datasheet HTML 2Page - Micro Commercial Components BCW66H Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
BCW66H
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Min.
TYP.
Max.
Unit
DC Current Gain(1)
at VCE = 10V, IC = 100
µAhFE
80
–––
at VCE = 1V, IC = 10mA
hFE
180
–––
at VCE = 1V, IC = 100mA
hFE
250
630
at VCE = 2V, IC = 500mA
hFE
Collector-Emitter Saturation Voltage(1)
at IC = 100mA, IB = 10mA
VCEsat
0.3
V
at IC = 500mA, IB = 50mA
VCEsat
0.7
V
Base-Emitter Saturation Voltage(1)
at IC = 100mA, IB = 10mA
VBEsat
1.25
V
at IC = 500mA, IB = 50mA
VBEsat
––2
V
Collector-Emitter Breakdown Voltage
at IC = 10mA, IB = 0
V(BR)CEO
45
V
Collector-Base Breakdown Voltage
at IC = 10
µA, IB = 0
V(BR)CBO
75
V
Emitter-Base Breakdown Voltage
at IE = 10
µA, IC = 0
V(BR)EBO
5––
V
Collector-Base Cut-off Current
at VCB = 45V, IE = 0
ICBO
20
nA
at VCB = 45V, IE = 0, TA = 150°C
ICBO
––
20
µA
Emitter-Base Cut-off Current
at VEB = 4V, IC = 0
IEBO
20
nA
Gain-Bandwidth Product
at VCE = 10V, IC = 20mA, f = 100MHz
fT
100
MHZ
Collector-Base Capacitance
at VCB = 10V, f = 1MHz
CCB
–6–
pF
Emitter-Base Capacitance
at VEB = 0.5V, f = 1MHz
CEB
–60–
pF
Note: (1) Pulse test: t
≤ 300µs, D = 2%
100
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3


Similar Part No. - BCW66H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BCW66H STMICROELECTRONICS-BCW66H Datasheet
39Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
logo
SeCoS Halbleitertechnol...
BCW66H SECOS-BCW66H Datasheet
61Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
Zetex Semiconductors
BCW66H ZETEX-BCW66H Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Continental Device Indi...
BCW66H CDIL-BCW66H Datasheet
86Kb / 3P
   GENERAL PURPOSE TRANSISTOR
logo
Siemens Semiconductor G...
BCW66H SIEMENS-BCW66H Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
More results

Similar Description - BCW66H

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BCW66H MCC-BCW66H Datasheet
90Kb / 2P
   NPN Small Signal Transistor 330mW
BCW68G MCC-BCW68G_13 Datasheet
227Kb / 3P
   PNP Small Signal Transistor 330mW
BCW68G MCC-BCW68G Datasheet
89Kb / 2P
   PNP Small Signal Transistor 330mW
BCW68G MCC-BCW68G_11 Datasheet
192Kb / 3P
   PNP Small Signal Transistor 330mW
BCW68H MCC-BCW68H_11 Datasheet
186Kb / 3P
   PNP Small Signal Transistor 330mW
BCW68H MCC-BCW68H Datasheet
89Kb / 2P
   PNP Small Signal Transistor 330mW
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com