Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM1A1064758R Datasheet(PDF) 5 Page - Rohm

Part # TCM1A1064758R
Description  Chip tantalum capacitors (Bottom surface electrode type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCM1A1064758R Datasheet(HTML) 5 Page - Rohm

  TCM1A1064758R Datasheet HTML 1Page - Rohm TCM1A1064758R Datasheet HTML 2Page - Rohm TCM1A1064758R Datasheet HTML 3Page - Rohm TCM1A1064758R Datasheet HTML 4Page - Rohm TCM1A1064758R Datasheet HTML 5Page - Rohm TCM1A1064758R Datasheet HTML 6Page - Rohm TCM1A1064758R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/6
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.11 - Rev.G
Data Sheet
TC Series M Case
Apply force
a circuit board
product
Item
Performance
Test conditions (JIS C 5101
−1 and JIS C 5101− 3)
Adhesiveness
Dimensions
The terminal should not come off.
As per 4.34 JIS C 5101-1
As per 4.8 JIS C 5101-3
Apply force of 5N in the two directions shown in the figure
below for 10
±1s after mounting the terminal on a circuit board.
Refer to "External dimensions"
Measure using a caliper of JIS B 7507 Class 2
or higher grade.
Resistance to solvents
The indication should be clear
As per 4.32 JIS C 5101-1
As per 4.18 JIS C 5101-3
Dip in the isopropyl alcohol for 30
±5s, at room
temperature.
Solderability
3/4 or more surface area of the solder coated
terminal dipped in the soldering bath should
be covered with the new solder.
As per 4.15.2 JIS C 5101-1
As per 4.7 JIS C 5101-3
Dip speed=25
±2.5mm / s
Pre
−treatment(accelerated aging): Leave
the sample on the boiling distilled water for 1 h.
Solder temp. : 245
±5°C
Duration
: 3
±0.5s
Solder
: M705
Flux
: Rosin 25% IPA 75%
Capacitance
Vibration
Appearance
Measure value should not fluctuate during the
measurement.
There should be no significant abnormality.
As per 4.17 JIS C 5101-1
Frequency : 10 to 55 to 10Hz/min.
Amplitude : 1.5mm
Time : 2h each in X and Y directions
Mounting : The terminal is soldered on a print circuit board.
Standard products list, TC series M case
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
µF)
Tolerance
(%)
Leakage
current
25
°C
1WV.300s
(
µA)
Df
120Hz
(%)
22
0.9
4.7
0.5
0.6
10
4
10
0.5
0.5
TC M 0G 475
TC M 0G 106
TC M 0G 226
TC M 0J 475
TC M 0J 106
4.7
TC M 1A 105
1.0
TC M 1A 225
2.5
5.2
4
2.5
5.2
4
2.5
5.2
6.3
4
8
6.3
4
8
10
6.3
13
10
6.3
13
10
6.3
13
16
10
20
2.2
0.5
TC M 1A 475
4.7
TC M 1C 105
1.0
0.5
−55°C
125
°C
25
°C
85
°C
30
20
20
20
20
10
30
30
30
15
30
20
30
30
20
30
30
30
30
10
15
15
20
30
30
30
15
Impedance
100kHz
(
Ω)
9.0
33
13.0
TC M 0G 336
4
2.5
5.2
30
60
40
9.0
9.0
9.0
13.0
22
TC M 0J 226
6.3
4
8
30
60
40
9.0
15.0
9.0
9.0
9.0
15.0
16
10
20
TC M 1C 225
2.2
0.5
20
30
30
13.5
13.5
0.5
0.5
10
6.3
13
TC M 1A 106
10
20
30
30
9.0
10.0
=Tolerance (M :
)
+−20%
20
+−
20
+−
20
+−
20
+
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−


Similar Part No. - TCM1A1064758R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCM1A106K8R ROHM-TCM1A106K8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCM1A106M8R ROHM-TCM1A106M8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCM1A106M8R ROHM-TCM1A106M8R Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
More results

Similar Description - TCM1A1064758R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCT_P ROHM-TCT_P_10 Datasheet
156Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_CL ROHM-TCT_CL_10 Datasheet
152Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS_10 Datasheet
150Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com