Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGP0J105M8R Datasheet(PDF) 3 Page - Rohm

Part # TCFGP0J105M8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP0J105M8R Datasheet(HTML) 3 Page - Rohm

  TCFGP0J105M8R Datasheet HTML 1Page - Rohm TCFGP0J105M8R Datasheet HTML 2Page - Rohm TCFGP0J105M8R Datasheet HTML 3Page - Rohm TCFGP0J105M8R Datasheet HTML 4Page - Rohm TCFGP0J105M8R Datasheet HTML 5Page - Rohm TCFGP0J105M8R Datasheet HTML 6Page - Rohm TCFGP0J105M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/6
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.F
Data Sheet
TCFG Series P Case
Characteristics
Item
Performance
Test conditions
(based on JIS C5101-1 and JIS C5101-3)
Operating Temperature
Maximum operating temperature
with no voltage derating
Rated Voltage (V.DC)
16
10
6.3
4
Category Voltage (V.DC)
10
6.3
4
2.5
Surge Voltage
20
20
13
26
25
16
32
13
8
5
DC leakage current
0.5
μA or 0.01CV whichever is greater
(Shown in "Standard list")
As per 4.9 JIS C 5101-1
As per 4.5.1 JIS C 5101-3
As per 4.7 JIS C 5101-1
As per 4.5.2 JIS C 5101-3
As per 4.8 JIS C 5101-1
As per 4.5.3 JIS C 5101-3
As per 4.10 JIS C 5101-1
As per 4.5.4 JIS C 5101-3
As per 4.14 JIS C 5101-1
As per 4.6 JIS C 5101-3
As per 4.16 JIS C 5101-1
As per 4.10 JIS C 5101-3
As per 4.22 JIS C 5101-1
As per 4.12 JIS C 5101-3
Voltage : Rated voltage for 1 min
Capacitance tolerance
Shall be satisfied allowance range.
±20%
Measuring frequency
Measuring voltage
Measuring circuit
Tangent of loss angle
(Df, tan
δ)
Impedance
Shall be satisfied the voltage on "Standard list"
Dip in the solder bath
Solder temp
Duration
Repetition
After the specimens, leave it at room temperature
for over 24h and then measure the sample.
Resistance to
soldering heat
There should be no significant abnormality.
The indications should be clear.
Appearance
Less than initial limit
L.C
Shall be satisfied the voltage on "Standard list"
at 125
°C
at 85
°C
at 85
°C
+85 °C
: 120
±12Hz
: 0.5Vrms, +1.5V.DC
: DC Equivalent series circuit
Measuring frequency
Measuring voltage
Measuring circuit
: 120
±12Hz
: 0.5Vrms, +1.5V.DC
: DC Equivalent series circuit
: 100
±10kHz
: 0.5Vrms or less
: DC Equivalent series circuit
Measuring frequency
Measuring voltage
Measuring circuit
: 260
±10°C
: 5
±0.5s
: 1
−55 °C to +125 °C
Voltage reduction when temperature exceeds +85
°C
Fail-Safe open unit actuation Within 320
°C
− 20s
Repetition : 5 cycles (1 cycle : steps 1 to 4)
without discontinuation.
Temperature
cycle
There should be no significant abnormality.
The indications should be clear.
Appearance
Less than initial limit
L.C
1 to 10
F : within ±10% of initial value
15 to 22
F : within ±20% of initial value
Within
±10% of initial value
ΔC / C
tan
δ
ΔC / C
tan
δ
Less than 150% of initial limit
Less than 150% of initial limit
Less than 150% of initial limit
Moisture
resistance
Appearance
Less than initial limit
L.C
There should be no significant abnormality.
The indications should be clear.
Temp.
Time
1
Step
2
3
4
Room temp.
Room temp.
3min. or less
3min. or less
30 3min
+−
30 3min
+−
−55 3°C
+−
125 2
°C
+−
ΔC / C
Within
±20% of initial value
tan
δ
After leaving the sample under such atmospheric
condition that the temperature and humidity are
60
±2
°C and 90 to 95%RH, respectively, for
500
±12h level it at room temperature for over 24h
and then measure the sample.
Dip in the solder bath
Solder temp : 320
±5
°C
After the specimens, leave it at room temperature
for over 24h and then measure the sample.


Similar Part No. - TCFGP0J105M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP0J105M8R ROHM-TCFGP0J105M8R Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
More results

Similar Description - TCFGP0J105M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com