Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGA1A225M8R Datasheet(PDF) 7 Page - Rohm

Part # TCFGA1A225M8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGA1A225M8R Datasheet(HTML) 7 Page - Rohm

  TCFGA1A225M8R Datasheet HTML 1Page - Rohm TCFGA1A225M8R Datasheet HTML 2Page - Rohm TCFGA1A225M8R Datasheet HTML 3Page - Rohm TCFGA1A225M8R Datasheet HTML 4Page - Rohm TCFGA1A225M8R Datasheet HTML 5Page - Rohm TCFGA1A225M8R Datasheet HTML 6Page - Rohm TCFGA1A225M8R Datasheet HTML 7Page - Rohm TCFGA1A225M8R Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/7
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.G
Data Sheet
TCFG Series A Case
Packaging specifications
φ1.5 +0.1
t1
t2
Component is loaded
Pull-out direction
Case code
A±0.1
B±0.1
t1±0.05
t2±0.1
A (3216)
4.0 0.1
B
4.0 0.1
2.0 0.05
A
Taping
− 0
A case
+−
+−
+−
1.9
0.25
3.5
1.9
Packaging style
Case code
Packaging
Packaging style
Symbol
Basic ordering unit
Taping
Plastic taping
φ180mm reel
R
2,000
A Case
11.4
±1.0
Label sticking position
Reel
Plastic reel
EIAJ ET - 7200B


Similar Part No. - TCFGA1A225M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGA1A225M8R ROHM-TCFGA1A225M8R Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGA1A225M8R ROHM-TCFGA1A225M8R Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGA1A225M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_10 Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com