Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGP0J335M8R Datasheet(PDF) 5 Page - Rohm

Part # TCFGP0J335M8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGP0J335M8R Datasheet(HTML) 5 Page - Rohm

  TCFGP0J335M8R Datasheet HTML 1Page - Rohm TCFGP0J335M8R Datasheet HTML 2Page - Rohm TCFGP0J335M8R Datasheet HTML 3Page - Rohm TCFGP0J335M8R Datasheet HTML 4Page - Rohm TCFGP0J335M8R Datasheet HTML 5Page - Rohm TCFGP0J335M8R Datasheet HTML 6Page - Rohm TCFGP0J335M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/6
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.01 - Rev.F
Data Sheet
TCFG Series P Case
Dimensions
Be based on "Dimensions"
Measure using a caliper of JIS B 7505
Class 2 or higher grade.
Resistance to solvents
The indication should be clear.
Dip in the isopropyl alcohol for 30
±5s,
at room temperature.
Solderability
3/4 or more surface area of the solder coated
terminal dipped in the soldering bath should be
covered with the new solder.
Dip speed = 25
±2.5mm/s
Pre-treatment (accelerated aging) : Leave the
sample on the boiling distilled water for 1h.
Solder temp. : 245
±5°C
Duration : 3
±0.5s
Solder : M705
Flux : Rosin 25%, IPA 75%
Capacitance
Vibration
Appearance
Measure value should not fluctuate during the
measurement.
There should be no significant abnormality.
Frequency : 10 to 55 to 10Hz/min.
Amplitude : 1.5mm
Time : 2h each in X and Y directions
Mounting : The terminal is soldered on a print
circuit board.
As per 4.32 JIS C 5101-1
As per 4.18 JIS C 5101-3
As per 4.15.2 JIS C 5101-1
As per 4.17 JIS C 5101-1
As per 4.7 JIS C 5101-3
Item
Performance
Test conditions
(based on JIS C5101-1 and JIS C5101-3)
Table 1 standard list, TCFG series P Case
Part No.
Rated
Voltage
@85
°C
(V)
Derated
Voltage
@125
°C
(V)
Surge
Voltage
@85
°C
(V)
Capacitance
120Hz
(
F)
Impedance
100kHz
Tolerance
(%)
Leakage
current
25
C
1WV.60s
(mA)
DF120Hz
(%)
Case
code
5
15
0.6
22
0.9
30
530
5
6.8
0.5
10
0.5
30
TCFG P 0G 225 M8R
TCFG P 0G 335 M8R
TCFG P 0G 475 M8R
TCFG P 0G 685 M8R
TCFG P 0G 106 M8R
TCFG P 0G 156 M8R
TCFG P 0G 226 M8R
4
4
4
4
4
4
4
2.5
5
3.3
2.5
2.5
2.5
2.5
2.5
2.5
5
2.2
0.5
0.5
30
15
P
P
P
P
P
P
P
5
17.5
17.5
14.4
9.3
11.8
8.3
7.7
4.7
0.5
30
530
(P : 2012)
±20
±20
±20
±20
±20
±20
±20
−55
°C
20
20
20
20
10
20
20
25
°C
85
˚C
30
30
30
30
15
30
30
125
°C
(
Ω)
TCFG P 1C 105 M8R
P
16.1
1.0
0.5
16
10
20
15
±20
10
15
20
25
TCFG P 1D 105 M8R
TCFG P 1E 105 M8R
P
P
16.1
16.1
1.0
1.0
0.5
0.5
13
16
26
32
15
15
±20
±20
10
10
15
15
TCFG P 1C 335 M8R
P
9.3
3.3
0.6
16
10
20
30
±20
20
30
6.3
10
10
10
10
10
6.3
6.3
6.3
6.3
1.5
0.5
4
0.6
0.9
0.5
TCFG P 0J 155 M8R
TCFG P 0J 225 M8R
TCFG P 0J 335 M8R
TCFG P 0J 475 M8R
TCFG P 0J 685 M8R
TCFG P 0J 106 M8R
TCFG P 0J 156 M8R
TCFG P 1A 105 M8R
TCFG P 1A 155 M8R
TCFG P 1A 225 M8R
TCFG P 1A 335 M8R
TCFG P 1A 475 M8R
P
P
P
P
P
P
P
P
P
P
P
P
6.3
6.3
6.3
6.3
6.3
6.3
4
4
4
4
4
17.5
14.4
17.5
11.8
8.3
9.3
7.7
16.1
17.5
11.8
14.4
9.3
15
6.8
10
3.3
2.2
4.7
1.5
1.0
3.3
2.2
4.7
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
30
30
30
30
30
30
8
8
8
8
8
8
6.3
4
8
13
13
13
13
13
15
30
30
30
30
15
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
20
20
20
20
20
20
10
20
20
20
20
10
30
30
30
30
30
30
15
30
30
30
30
15
10
6.3
TCFG P 1A 685 M8R
P
8.3
6.8
0.7
13
30
±20
20
30
10
6.3
TCFG P 1A 106 M8R
P
7.7
10
1.0
13
30
±20
20
30
TCFG P 1C 225 M8R
P
11.8
2.2
0.5
16
10
20
30
±20
20
30
TCFG P 1C 155 M8R
P
14.4
1.5
0.5
16
10
20
30
±20
20
30


Similar Part No. - TCFGP0J335M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGP0J335M8R ROHM-TCFGP0J335M8R Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
TCFGP0J335M8R ROHM-TCFGP0J335M8R Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGP0J335M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com