Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCT_P Datasheet(PDF) 5 Page - Rohm

Part # TCT_P
Description  Chip tantalum capacitors (Bottom surface electrode type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCT_P Datasheet(HTML) 5 Page - Rohm

  TCT_P Datasheet HTML 1Page - Rohm TCT_P Datasheet HTML 2Page - Rohm TCT_P Datasheet HTML 3Page - Rohm TCT_P Datasheet HTML 4Page - Rohm TCT_P Datasheet HTML 5Page - Rohm TCT_P Datasheet HTML 6Page - Rohm TCT_P Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/6
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.F
Data Sheet
TCT Series P Case
Standard products list, TCT series P case
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
μF)
Tolerance
(%)
Leakage
current
25
°C
1WV.60s
(
μA)
Df
120Hz
(%)
−55
°C
125
°C
25
°C
85
°C
Impedance
100kHz
(
Ω)
15
1.5
22
2.2
1.6
10
4
22
1.9
1.4
1.3
33
2.1
TCT P 0G 336M8R
TCT P 0J 226M8R
TCT P 0J 336M8R
TCT P 1A 156M8R
TCT P 1A 226M8R
TCT P 1C 106M8R
33
TCT P 0G 476M8R
47
2.5
5
4
2.5
5
6.3
4
8
6.3
4
8
10
6.3
13
10
6.3
13
16
10
20
30
20
20
20
30
30
30
20
30
30
20
30
30
20
30
30
20
30
30
30
30
4.0
47
14.8
TCT P 0J 476M8R
6.3
4
8
30
60
40
4.0
6.0
5.0
6.0
0.6
1.5
TCT P 1V 155M8R
35
22
44
20
30
30
8.0
4.0
4
20.0
TCT P 0G 107M8R
100
2.5
5
603040
4.0
4.0
13.6
TCT P 0G 686M8R
68
4
2.5
5
30
60
40
4.0
5.0
33
16.5
TCT P 1A 336M8R
10
6.3
13
30
60
40
4.0
±20
±20
2.5
18.8
TCT P 0E 157M8R
150
1.6
3.2
60
30
40
4.0
±20
2.5
12.5
TCT P 0E 107M8R
100
1.6
3.2
60
30
40
4.0
±20
±20
±20
±20
±20
±20
±20
±20
47
23.5
TCT P 1A 476M8R
10
6.3
13
30
60
40
4.0
±20
±20
1.0
4.7
TCT P 1D 475M8R
20
13
26
20
30
30
6.0
±20
1.4
6.8
TCT P 1D 685M8R
20
13
26
20
30
30
6.0
±20
2.0
10
TCT P 1D 106M8R
20
13
26
20
30
30
6.0
±20
±20
0.6
2.2
TCT P 1E 225M8R
25
16
32
20
30
30
8.0
±20
0.9
3.3
TCT P 1E 335M8R
25
16
32
20
30
30
8.0
±20
0.5
1.0
TCT P 1V 105M8R
35
22
44
20
30
30
8.0
±20
±20
68
21.4
TCT P 0J 686M8R
6.3
4
8
30
60
40
4.0
±20
Under development


Similar Part No. - TCT_P

ManufacturerPart #DatasheetDescription
logo
Rohm
TCTOP0E105M8R ROHM-TCTOP0E105M8R Datasheet
173Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOP0E106M8R ROHM-TCTOP0E106M8R Datasheet
173Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOP0E107M8R ROHM-TCTOP0E107M8R Datasheet
173Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOP0E155M8R ROHM-TCTOP0E155M8R Datasheet
173Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
TCTOP0E156M8R ROHM-TCTOP0E156M8R Datasheet
173Kb / 6P
   Conductive polymer chip tantalum capacitors ( Bottom surface electrode type )
More results

Similar Description - TCT_P

ManufacturerPart #DatasheetDescription
logo
Rohm
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCT_CL ROHM-TCT_CL_10 Datasheet
152Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS_10 Datasheet
150Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com