Electronic Components Datasheet Search |
|
TCTP1A156M8R Datasheet(PDF) 4 Page - Rohm |
|
TCTP1A156M8R Datasheet(HTML) 4 Page - Rohm |
4 / 7 page 4/6 www.rohm.com ○ c 2010 ROHM Co., Ltd. All rights reserved. 2010.02 - Rev.F Data Sheet TCT Series P Case Item Performance Test conditions (based on JIS C 5101 −1 and JIS C 5101− 3) Temperature Stability Surge voltage Shall be satisfied the voltage on " Standard list " As per 4.29 JIS C 5101-1 As per 4.13 JIS C 5101-3 As per 4.23 JIS C 5101-1 As per 4.15 JIS C 5101-3 As per 4.35 JIS C 5101-1 As per 4.9 JIS C 5101-3 Temp. Appearance There should be no significant abnormality. Temp. −55 °C +85 °C Df (tan δ) L.C. L.C. Less than 1000% of initial limit Shall be satisfied the voltage on " Standard list " Df (tan δ) Shall be satisfied the voltage on " Standard list " Df (tan δ) L.C. Less than 1250% of initial limit. Temp. +125 °C ΔC / C Within 0/ −15% of initial value ΔC / C Within +20/0% of initial value ΔC / C Within +15/0% of initial value − Loading at High temperature ΔC / C Df (tan δ) L.C. L.C. Less than 200% of initial limit Less than 200% of initial limit After applying the rated voltage for 1000 +36/0 h without discontinuation via the serial resistance of 3 Ω or less at a temperature of 85 ±2°C, leave the sample at room temperature / humidity for over 24h and measure the value. As per 4.26JIS C 5101-1 As per 4.14JIS C 5101-3 Apply the specified surge voltage via the serial resistance of 1k Ω every 5±0.5 min. for 30±5 s. each time in the atmospheric condition of 85 ±2°C. Repeat this procedure 1,000 times. After the specimens, leave it at room temperature for over 24h and then measure the sample. Df (tan δ) Less than 200% of initial limit Less than 200% of initial limit ΔC / C Within ±20% of initial value There should be no significant abnormality. Appearance There should be no significant abnormality. Appearance Terminal strength The measured value should be stable. A force is applied to the terminal until it bends to 1mm and by a prescribed tool maintain the condition for 5s. (See the figure below) Capacitance 1 F (Apply force) (Unit : mm) 20 50 R230 45 45 thickness=1.6mm Within ±20% of initial value Adhesiveness Dimensions The terminal should not come off. As per 4.34 JIS C 5101-1 As per 4.8 JIS C 5101-3 Apply force of 5N in the two directions shown in the figure below for 10 ±1s after mounting the terminal on a circuit board. Apply force a circuit board product Refer to "External dimensions" Measure using a caliper of JIS B 7507 Class 2 or higher grade. Resistance to solvents The indication should be clear As per 4.32 JIS C 5101-1 As per 4.18 JIS C 5101-3 Dip in the isopropyl alcohol for 30 ±5s, at room temperature. Solderability 3/4 or more surface area of the solder coated terminal dipped in the soldering bath should be covered with the new solder. As per 4.15.2 JIS C 5101-1 As per 4.7 JIS C 5101-3 Dip speed=25 ±2.5mm / s Pre-treatment (accelerated aging): Leave the sample on the boiling distilled water for 1 h. Solder temp. : 245 ±5°C Duration : 3 ±0.5s Solder : M705 Flux : Rosin 25% IPA 75% Capacitance Vibration Appearance Measure value should not fluctuate during the measurement. There should be no significant abnormality. As per 4.17 JIS C 5101-1 Frequency : 10 to 55 to 10Hz/min. Amplitude : 1.5mm Time : 2h each in X and Y directions Mounting : The terminal is soldered on a print circuit board. |
Similar Part No. - TCTP1A156M8R |
|
Similar Description - TCTP1A156M8R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |