Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

340103217B Datasheet(PDF) 6 Page - C&K Components

Part # 340103217B
Description  MDMA - Connectors, Electrical, Rectangular, Microminiature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

340103217B Datasheet(HTML) 6 Page - C&K Components

  340103217B Datasheet HTML 1Page - C&K Components 340103217B Datasheet HTML 2Page - C&K Components 340103217B Datasheet HTML 3Page - C&K Components 340103217B Datasheet HTML 4Page - C&K Components 340103217B Datasheet HTML 5Page - C&K Components 340103217B Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MDMA - Connectors, Electrical, Rectangular, Microminiature with
Removable crimp contacts compliant with ESA/ESCC specifications
3401/077 for Connectors and 3401/078 for Contacts
Dimensions shown in : mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
6
Process Contact and Cable Extraction
:
●●● How to extract contacts in the first row of connector :
- 1 - Place wire into extraction tool tip MDMA-115373
- 2 - Insert tool tip into contact cavity until tip bottoms against contact shoulder, releasing tine. Hold wire against tool with
finger and remove tool and contact. Repeat for balance of contacts.
●●● How to extract contacts in the second row of connector :
Same process that first row except extraction tool is rotate 180°
●●● Be careful to put extraction tool in the good position !! (Example for the first row) :
First row
Second row


Similar Part No. - 340103217B

ManufacturerPart #DatasheetDescription
logo
C&K Components
340103102B12PFR116D1-4 CK-COMPONENTS-340103102B12PFR116D1-4 Datasheet
1Mb / 19P
   Microminiature Connectors Type MTB1 Space
More results

Similar Description - 340103217B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDMH-51SS ITT-MDMH-51SS Datasheet
101Kb / 2P
   Microminiature Connectors
TMDM-C115SH001B ITT-TMDM-C115SH001B Datasheet
67Kb / 3P
   Microminiature Connectors
logo
Molex Electronics Ltd.
73415-0971 MOLEX2-73415-0971 Datasheet
493Kb / 4P
   MMCX Microminiature Connectors
logo
Vishay Siliconix
MIL-C-28748 VISHAY-MIL-C-28748 Datasheet
101Kb / 5P
   Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified Microminiature Rectangular
01-Jan-2022
MILC28748 VISHAY-MILC28748 Datasheet
102Kb / 5P
   Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified Microminiature Rectangular
01-Jan-2022
logo
Hirose Electric
HR25 HIROSE-HR25 Datasheet
948Kb / 8P
   High Performance, Microminiature Circular Connectors
logo
Fujitsu Component Limit...
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
C&K Components
3401-029 CK-COMPONENTS-3401-029 Datasheet
400Kb / 20P
   3401-029 Microminiature MDM Connectors
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
   Rectangular Connectors
logo
Fujitsu Component Limit...
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
   RECTANGULAR CONNECTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com