Electronic Components Datasheet Search |
|
HDT0001 Datasheet(PDF) 1 Page - C&K Components |
|
HDT0001 Datasheet(HTML) 1 Page - C&K Components |
1 / 4 page E E–4 Dimensions are shown: mm Specifications and dimensions subject to change www.ck-components.com HDT Series Micro Mini Surface Mount Detect Switches Features/Benefits • Low profile package • Design allows top or side actuation • Low actuation force, 35 grams max. • Pick and place compatible, available in tape & reel packaging • RoHS compliant and compatible • Halogen free Typical Applications • Consumer electronics • Computers • Medical devices • ATCA and MicroTCA devices Specifications CONTACT RATING: 1 mA 5 VDC MECHANICAL AND ELECTRICAL LIFE: 100,000 cycles min. CONTACT RESISTANCE: 500 m Ω max. initial. INSULATION RESISTANCE: 100 M Ω min. between adjacent contacts. OPERATING TEMPERATURE: -40ºC to + 85ºC STORAGE TEMPERATURE: -40ºC to + 85ºC PACKAGING: Tape & reel Materials BASE: PA 46 (UL94V-0) COVER: PA 46 (UL94V-0) ACTUATOR: PA 46 (UL94V-0) MOVABLE BLADE: Stainless Steel, Ag over Ni plating. TERMINALS: Phosphor Bronze, Ag over Ni plating. SOLDERABILITY: Lead free compatible - No clean. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Build-A-Switch Complete part numbers for HDT Series are shown below. 2,3 max. travel position PC MOUNTING .026 DIA. (0,66) ø .033 DIA. (0,84) ø HDT0001 380.0 ø 21.0 ø 13.0 2.0 Reel Dim. 4,35 TAPE & REEL 2,450 per reel HDT0001 SCHEMATIC PACKAGING PART NUMBER NOTE: Available with no locating posts by adding “NP” (HDT0001NP) to Part Number. N.O. NEW! TRAVEL: Pre-travel .30 mm Overtravel: .75 mm Total: 1.05 mm Third Angle Projection HDT0001 AdvancedTCAR TAPE & REEL |
Similar Part No. - HDT0001 |
|
Similar Description - HDT0001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |