Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDT0001 Datasheet(PDF) 3 Page - C&K Components

Part # HDT0001
Description  Micro Mini Surface Mount Detect Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

HDT0001 Datasheet(HTML) 3 Page - C&K Components

  HDT0001 Datasheet HTML 1Page - C&K Components HDT0001 Datasheet HTML 2Page - C&K Components HDT0001 Datasheet HTML 3Page - C&K Components HDT0001 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E
E–6
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
HDT Series
Micro Mini Surface Mount Detect Switches
TAPE & REEL
NEW!
21.0
13.0
2.0
5,4
0,6
16
7,5
1,75
1,5
8
2
4
380.0
A
A
HDT0204
4X1,2
5,1
3,5
0,9
1,1
2,4
4,7
4,7
4,5
4X 0,7
2,3
3,5
3,9
0,7
4,9
5,3
5
'OPER'
POSITION
3,9
MAX TRAVEL
POSITION
4X
TERMINAL HEIGHT
0 ± 0,05
3,3
2,4
R3
1,15 REF
0,4
1,5 REF
0,7
0,5
10
-0,1
1,5
0,8 0
-0,1
1
2X 45° X
CHAMFER
0,15
3,8 0
-0,1
2
1
4
3
SURFACE MOUNT LAYOUT
1
2
3
4
HDT0204
1
2
3
4
TAPE & REEL
2,000 per reel
HDT0204
SCHEMATIC
PACKAGING
PART NUMBER
TRAVEL:
Pre-travel: .3 mm
Overtravel: 1.1 mm
Total: 1.4 mm
HDT0104
Third Angle
Projection
N.O.


Similar Part No. - HDT0001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
HDT0001 ITT-HDT0001 Datasheet
159Kb / 1P
   Micro Mini Surface Mount Detect Switches
logo
C&K Components
HDT0001 CK-COMPONENTS-HDT0001 Datasheet
393Kb / 5P
   Micro Mini Surface Mount Detect Switches
14 Mar 22 www.ckswitches.com
HDT0001 CK-COMPONENTS-HDT0001 Datasheet
452Kb / 5P
   Micro Mini Surface Mount Detect Switches
24 Oct 22
HDT0001NP CK-COMPONENTS-HDT0001NP Datasheet
393Kb / 5P
   Micro Mini Surface Mount Detect Switches
14 Mar 22 www.ckswitches.com
HDT0001NP CK-COMPONENTS-HDT0001NP Datasheet
452Kb / 5P
   Micro Mini Surface Mount Detect Switches
24 Oct 22
More results

Similar Description - HDT0001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSU ITT-KSU Datasheet
91Kb / 3P
   Micro Mini Surface Mount Detect Switches
HDT0001 ITT-HDT0001 Datasheet
159Kb / 1P
   Micro Mini Surface Mount Detect Switches
logo
C&K Components
KSU CK-COMPONENTS-KSU Datasheet
172Kb / 2P
   Micro Mini Surface Mount Detect Switches
HDT CK-COMPONENTS-HDT_V01 Datasheet
393Kb / 5P
   Micro Mini Surface Mount Detect Switches
14 Mar 22 www.ckswitches.com
KSU CK-COMPONENTS-KSU_V01 Datasheet
185Kb / 2P
   Micro Mini Surface Mount Detect Switches
2017
HDT CK-COMPONENTS-HDT_V02 Datasheet
452Kb / 5P
   Micro Mini Surface Mount Detect Switches
24 Oct 22
KSU CK-COMPONENTS-KSU_V02 Datasheet
234Kb / 2P
   Micro Mini Surface Mount Detect Switches
SDT CK-COMPONENTS-SDT Datasheet
139Kb / 1P
   Micro Mini Pendulum Surface Mount Detect Switches
HDP CK-COMPONENTS-HDP Datasheet
174Kb / 2P
   Micro Mini Side Actuated Surface Mount Detect Switches
HDP CK-COMPONENTS-HDP_V01 Datasheet
281Kb / 3P
   Micro Mini Side Actuated Surface Mount Detect Switches
8 Mar 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com