Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM1202A08BE Datasheet(PDF) 3 Page - C&K Components

Part # KM1202A08BE
Description  Subminiature Detect Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KM1202A08BE Datasheet(HTML) 3 Page - C&K Components

  KM1202A08BE Datasheet HTML 1Page - C&K Components KM1202A08BE Datasheet HTML 2Page - C&K Components KM1202A08BE Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
E
E–43
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
CONTACT MATERIAL
AVAILABLE HARDWARE
KM Series
Subminiature Detect Switches
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 STATIONARY CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
MOVABLE CONTACT: Phosphor bronze or beryllium copper, with gold plate over
nickel plate.
2 STATIONARY CONTACTS & TERMINALS: Copper, silver plated (standard with all
termination options).
MOVABLE CONTACT: Phosphor bronze or beryllium copper, silver plated.
3 STATIONARY CONTACTS & TERMINALS: Copper, with gold plate over nickel plate
over silver plate.
MOVABLE CONTACT: Phosphor bronze or beryllium copper, with gold plate over
nickel plate over silver plate.
NOTE: Any models supplied with Q or B contact material are RoHS compliant.
KM12 models
when ordered with ‘Q’ contact material.
YES
YES
YES
YES
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
RATINGS
CONTACT AND TERMINAL MATERIAL
OPTION
CODE
B
Q
GOLD 1
SILVER 2
POWER
LOW LEVEL/DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
0.25 AMPS @ 125 V AC OR DC (KM11, KM12) (UL)
1 AMP @ 125 V AC OR 28 V DC (KM33).
SEAL
E
EPOXY SEAL
.200 DIA.
(5,08 )
.120
(3,05)
.155
(3,94)
.375 DIA.
(9,53 )
.120
(3,05)
.250
(6,35)
.310 DIA.
(7,87 )
.250
(6,35)
.138
(3,51)
PART NO.
708901000
WHITE
708902000
BLACK
708903000
RED
Material: Nylon
Finish: Gloss
PART NO.
752701000
WHITE
752702000
BLACK
752703000
RED
Material: Nylon
Finish: Gloss
PART NO.
801801000
WHITE
801802000
BLACK
801803000
RED
Material: Nylon
Finish: Gloss
PART NO.
484601000
WHITE
484602000
BLACK
484603000
RED
Material: Nylon
Finish: Gloss
PART NO.
798201000
WHITE
798202263
BLACK
798203000
RED
Material: Nylon
Finish: Matte
NOTE: Other cap colors available, consult Customer Service Center.
.450 SQ.
(11,43)
.195
(4,95)
.240
(6,10)
Third Angle
Projection


Similar Part No. - KM1202A08BE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KM1202A08BE ITT-KM1202A08BE Datasheet
234Kb / 4P
   Subminiature Pushbutton Switches
More results

Similar Description - KM1202A08BE

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CL-DB COPAL-CL-DB Datasheet
571Kb / 4P
   DETECT SWITCHES
SPB101 COPAL-SPB101 Datasheet
183Kb / 1P
   Detect Switches
CF-DA COPAL-CF-DA Datasheet
235Kb / 2P
   Detect Switches
CL-DA COPAL-CL-DA Datasheet
955Kb / 4P
   DETECT SWITCHES
CF-DA-SERIES COPAL-CF-DA-SERIES Datasheet
235Kb / 2P
   Detect Switches
logo
C&K Components
KSR2D CK-COMPONENTS-KSR2D Datasheet
120Kb / 1P
   Subminiature Detect Switch for SMT
KSRD CK-COMPONENTS-KSRD Datasheet
190Kb / 2P
   Subminiature Detect Switch for SMT
29 Jul 21
logo
ITT Industries
KSM ITT-KSM Datasheet
151Kb / 2P
   Side Actuated Detect Switches
SDS001 ITT-SDS001 Datasheet
170Kb / 1P
   Side Actuated Detect Switches
logo
C&K Components
KSM CK-COMPONENTS-KSM Datasheet
164Kb / 2P
   Side Actuated Detect Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com