Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF201UEBM03KQ22 Datasheet(PDF) 4 Page - C&K Components

Part # PF201UEBM03KQ22
Description  5 Tumbler Miniature Snap-in Switchlocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PF201UEBM03KQ22 Datasheet(HTML) 4 Page - C&K Components

  PF201UEBM03KQ22 Datasheet HTML 1Page - C&K Components PF201UEBM03KQ22 Datasheet HTML 2Page - C&K Components PF201UEBM03KQ22 Datasheet HTML 3Page - C&K Components PF201UEBM03KQ22 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
L–30
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
L
PF Series
5 Tumbler Miniature Snap-in Switchlocks
CONTACT MATERIAL
AVAILABLE HARDWARE
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options).
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
All models
with all options when ordered with ‘Q’ contact material.
Key Code: 041
PART NO. (ONE KEY)
334C1004102 BLACK
Material: Brass
Finish: Nickel plate
6/6 Nylon insert molded head
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA).
LOW LEVEL/DRY CIRCUIT
B
SILVER
2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX.
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
GOLD
1


Similar Part No. - PF201UEBM03KQ22

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PF201UEBM03KQ22 ITT-PF201UEBM03KQ22 Datasheet
282Kb / 4P
   5 Tumbler Miniature Snap-in Switchlocks
More results

Similar Description - PF201UEBM03KQ22

ManufacturerPart #DatasheetDescription
logo
C&K Components
PM CK-COMPONENTS-PM Datasheet
385Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
27 Jun 22
logo
ITT Industries
PF011UEBM03KQ22 ITT-PF011UEBM03KQ22 Datasheet
282Kb / 4P
   5 Tumbler Miniature Snap-in Switchlocks
PM0613EBM05KQ22 ITT-PM0613EBM05KQ22 Datasheet
260Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
logo
C&K Components
PM0613EBM05KQ22 CK-COMPONENTS-PM0613EBM05KQ22 Datasheet
181Kb / 3P
   5 Tumbler Miniature Snap-in Switchlocks
logo
ITT Industries
P101132CM03Q22 ITT-P101132CM03Q22 Datasheet
370Kb / 4P
   4 Tumbler Snap-in Switchlocks
logo
C&K Components
P CK-COMPONENTS-P Datasheet
535Kb / 4P
   4 Tumbler Snap-in Switchlocks
28 Jan 21
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com