Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS002 Datasheet(PDF) 1 Page - C&K Components

Part # SDS002
Description  Side Actuated Detect Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SDS002 Datasheet(HTML) 1 Page - C&K Components

  SDS002 Datasheet HTML 1Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E
E–12
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
Third Angle
Projection
How to Order
Complete part numbers for SDS Series Switches are shown below.
SDS Series
Side Actuated Detect Switches
Features/Benefits
Low profile package sits just 2mm off PCB
2mm overtravel ideal for detector applications
Low actuation force (75 grams max.)
Pick & place compatible, available in
tape & reel packaging
RoHS compliant and compatible
Typical Applications
Medical devices
Consumer electronic devices
PCB lock cam detect
Smart card detect
ATCA and MicroTCA
Specifications
CONTACT RATING: 100 mA @ 12 VDC.
MECHANICAL & ELECTRICAL LIFE: 50,000 cycles.
CONTACT RESISTANCE: 100 m
Ω max. initial.
INSULATION RESISTANCE: 100 M
Ω min. @ 100 VDC.
OPERATING TEMPERATURE: –40ºC to +85ºC.
SOLDERABILITY: IR compatible, no wash. 260ºC max.
PACKAGING: Bulk or tape & reel (3000 per reel).
Materials
BASE: Glass filled LCP (UL 94V-0).
ACTUATOR: Glass Filled Polyamide (UL94V-0).
SURFACE PLATE: Nickel silver w/silver plate.
MOVABLE CONTACT: Phosphor bronze, see table for plating.
TERMINALS: Phosphor bronze, see table for plating.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
`ON' POSITION (N.O. Options)
1,75
Terminal 1
R
SDS001
SPST
SDS001
SDS001R
SDS002
SDS002R
SDS004
SDS004R
SDS005
SDS005R
PART
NUMBER
Contact
Plating
Terminal
Plating
HOUSING
COLOR
PACKAGING
SCHEMATIC
Black
White
Black
Silver
Clad
White
Bulk
Tape & Reel
Bulk
Tape & Reel
Bulk
Tape & Reel
Bulk
Tape & Reel
N.O.
N.C.
N.O.
N.C.
Silver
Plate
Gold
Flash
Gold
Flash
AdvancedTCAR
TAPE & REEL


Similar Part No. - SDS002

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SDS002 ITT-SDS002 Datasheet
170Kb / 1P
   Side Actuated Detect Switches
SDS002R ITT-SDS002R Datasheet
170Kb / 1P
   Side Actuated Detect Switches
More results

Similar Description - SDS002

ManufacturerPart #DatasheetDescription
logo
C&K Components
SDS CK-COMPONENTS-SDS_V01 Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
logo
ITT Industries
KSM ITT-KSM Datasheet
151Kb / 2P
   Side Actuated Detect Switches
SDS001 ITT-SDS001 Datasheet
170Kb / 1P
   Side Actuated Detect Switches
logo
C&K Components
KSM CK-COMPONENTS-KSM Datasheet
164Kb / 2P
   Side Actuated Detect Switches
KSM1131DLFG CK-COMPONENTS-KSM1131DLFG Datasheet
243Kb / 2P
   Side Actuated Detect Switches
SDS CK-COMPONENTS-SDS_V02 Datasheet
346Kb / 2P
   Side Actuated Detect Switches
29 Jul 22
logo
ITT Industries
KSM1131 ITT-KSM1131 Datasheet
496Kb / 2P
   Side Actuated Detect Switches
logo
C&K Components
FDSD CK-COMPONENTS-FDSD Datasheet
324Kb / 2P
   Micro Mini Side Actuated Detect Switches
10 Sep 19
HDP CK-COMPONENTS-HDP_V01 Datasheet
281Kb / 3P
   Micro Mini Side Actuated Surface Mount Detect Switches
8 Mar 22
HDS CK-COMPONENTS-HDS Datasheet
192Kb / 2P
   Micro Mini Side Actuated Surface Mount Detect Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com