Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA08AB Datasheet(PDF) 1 Page - C&K Components

Part # SPA08AB
Description  Single In-line Package Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SPA08AB Datasheet(HTML) 1 Page - C&K Components

  SPA08AB Datasheet HTML 1Page - C&K Components SPA08AB Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H
Specifications
CONTACT RATING:
Carry: 10 mA @ 5VDC
Switching: 0.1 mA @ 0.1m VDC min.
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles min.
CONTACT RESISTANCE: 50 m
Ω max. @ 20 V DC 10mA.
INSULATION RESISTANCE: 100 M
Ω min. @ 100 V DC.
DIELECTRIC STRENGTH: 1 minute @ 300 V AC.
CAPACITANCE: 5pF max. between adjacent terminals.
OPERATING TEMPERATURE: -30°C to 60°C.
STORAGE TEMPERATURE: -30°C to 80°C.
OPERATING FORCE: 5.9N max.
SOLDERABILITY: Dip & look solderability testing per C&K spec.
#448. Unplated edges of terminals permitted.
PACKAGING: Switches supplied in rigid dispensing tubes in full-
tube quantities only, this may affect order quantity. Numbers of
switches per tube varies with model.
Materials
BASE: PPS (UL94V-0).
COVER: PBT (UL94V-0).
ACTUATOR: 4/6 Nylon (UL 94V-0).
MOVABLE CONTACT: Beryllium copper alloy, gold over nickel plate.
FIXED CONTACT: Copper alloy, gold over nickel plate.
CLIP: Phosphor bronze wire. Phosphor bronze, Tin over nickel plate.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
SPA Series
Single In-line Package Switches
Features/Benefits
Thin Single In-line Packaging saves
PCB space
Retention feature holds part to PCB
prior to soldering
Available in vertical or right angle
models
High pressure contact system
does not require tape sealing
RoHS compliant
Typical Applications
Address switch for industrial
controls
Logic switching for computers
and peripherals
Function controlling for
numerous applications
How To Order
Our easy Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete
listing of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
All switches supplied in “OFF” position.
Number of
Positions
SPA02 2 positions
SPA04 4 positions
SPA06 6 positions
SPA08 8 positions
SPA10 10 positions
Switch Function
NONE Vertical
A
Right Angle
Contact material
B Gold
S P A
B
H–19
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
SEE
DETAIL A
DIM. 'A'
DIM. 'C'
3x
1200
400
ø7.48
ø(190,0)
ø.512
ø(13,0)
ø.827
ø(21,0)
13.0
(330)
3.937
(100,0)
DIM. 'E'
2 x .079 (2P-7P)
(2 x 2.0)
2 x .118 (8P-10P)
(2 x 3.0)
.079
(2,00)
.079
(2,00)
.079
(2,00)
.069
(1,75)
0.020
(0,5)
.157
(4,00)
.450
(11,5)
.630
(16,0)
.315
(8,00)
30
MAX.
30 MAX.
DIM 'D'
Ø.012
(0,30)
MAX.
Ø.059
(1,50)
Ø.012
(0,30)
MAX.
Ø.012
(0,30)
MAX.
.630
(16,0)
0.020
(0,5)
30
MAX.
DIM 'D'
DIM. 'A'
.079
(2,00)
.069
(1,75)
.157
(4,00)
Ø.059
(1,50)
DIM. 'B'
DIM. 'C'
.450
(11,5)
.315
(8,00)
30 MAX.
FEED DIRECTION
FEED DIRECTION
Ø.012
(0,30)
MAX.
0.079
(2,00)
0.157
(4,0)
0.069
(1,75)
DIM 'A'
30
DIM 'D'
0.360
0.098
(2,5)
0.315
(8,0)
30 MAX
Ø 0.059
(Ø 1,50)
MAX
0.209
(5,3)
FEED DIRECTION
DIM 'C'


Similar Part No. - SPA08AB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA08N50C3 INFINEON-SPA08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPA08N50C3 INFINEON-SPA08N50C3 Datasheet
732Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.91 2009-11-27
logo
Inchange Semiconductor ...
SPA08N50C3 ISC-SPA08N50C3 Datasheet
270Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPA08N80C3 INFINEON-SPA08N80C3 Datasheet
252Kb / 12P
   Cool MOS??Power Transistor
2003-07-02
SPA08N80C3 INFINEON-SPA08N80C3 Datasheet
338Kb / 10P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 3.0 2009-12-22
More results

Similar Description - SPA08AB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SP02B ITT-SP02B Datasheet
160Kb / 2P
   Single In-line Package Switches
logo
C&K Components
SPA CK-COMPONENTS-SPA_V01 Datasheet
196Kb / 2P
   Single In-line Package Switches
26 Aug 20
SP CK-COMPONENTS-SP Datasheet
166Kb / 2P
   Single In-line Package Switches
2006
logo
ALPS ELECTRIC CO.,LTD.
SSGM120100 ALPS-SSGM120100 Datasheet
160Kb / 5P
   Dual In-line Package Type Switches
logo
GREATECS
DX19 GREATECS-DX19 Datasheet
209Kb / 1P
   Single In Line DIP Switches (SIP Switches)
logo
Shindengen Electric Mfg...
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
   Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
   Single In-line Package
D15XBN20 SHINDENGEN-D15XBN20_17 Datasheet
573Kb / 4P
   Single In-line Package
UD2KB80 SHINDENGEN-UD2KB80_17 Datasheet
828Kb / 4P
   Single In-line Package
UD3KB80 SHINDENGEN-UD3KB80_17 Datasheet
821Kb / 4P
   Single In-line Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com