Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDP08H0SBD1 Datasheet(PDF) 3 Page - C&K Components

Part # TDP08H0SBD1
Description  Half-pitch Side-Actuated DIP Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TDP08H0SBD1 Datasheet(HTML) 3 Page - C&K Components

  TDP08H0SBD1 Datasheet HTML 1Page - C&K Components TDP08H0SBD1 Datasheet HTML 2Page - C&K Components TDP08H0SBD1 Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
H
H–5
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
TDP Series
Ultra-miniature Surface Mount
Half-pitch Side-Actuated DIP Switches
QTY
MODEL NUMBER
IN TUBE
TDP02
125
TDP04
70
TDP06
50
TDP08
40
TDP10
30
0.022
(0,57)
0.042
(1,06)
0.320
(8,12)
0.006
(0,15)
0.228
(5,8)
10
0.030
(0,75)
0.236
(6,0)
0
0.030
(0,76)
0.050
(1,27)
0.300
(7,62)
0.250
(6,35)
0.350
(8,89)
DIM 'B'
CHAMFER
0.047
(1,2)
0.050 TYP.
(1,27)
DIM 'A'
0.018
(0,45)
DATE
CODE
2X 0.039 (1,0)
TDP08
5A
C&K
1
2
3
4
56
7
8
0.161
(4,1)
0.023
(0,6)
0.012/0.004
(0,3/0,1)
O
N 1
2
3
4
56
7
8
PIN #1
NOTE: PART NUMBER SHOWN:TDP08H1SBD1R
EMBOSSED CARRIER
DIRECTION OF FEED
Ø0.059
(1,50Ø)
0.157
(4,00)
0.472
(12,00)
0.079
(2,00)
0.453
(11,5)
DIM. 'W'
SEE CHART
0.012
(0,30)
DIM. “P”
SEE CHART
0.350
(8,9)
0.191
REF
(4,86)
0.350
(8,9)
MARKING LABEL
FEED DIRECTION
0.069
(1,75)
A
SECTION A-A
SECTION B-B
A
B
B
19.690±.039
(500,0±1,0)
0.134
(3,4)
0.440
(11,2)
0.201
(5,1)
0.248
(6,3)
0.055
(1,4)
0.020
(0,5)
0.039
(1,0)
R 0.043
(R 1,1)
R 0.020
(R 0,5)
0.130
(3,3)
0.130
(3,3)
DIM
DIM.
DIM
PART NUMBER
‘W’
“P”
PER REEL
TDP02
0.630 (16,0)
0.175 (4,45)
1,000
TDP04
0.630 (16,0)
0.276 (7,0)
1,000
TDP06
0.630 (16,0)
0.376 (9,55)
1,000
TDP08
0.945 (24,0)
0.476 (12,1)
1,000
TDP10
0.945 (24,0)
0.576 (14,65)
1,000
Tape and Reel Packaging
Note: Switch shown has H1 extended actuator.
Extended Actuator-No Top Tape,
Surface Mount Terminals
Tube Packaging
NO.
DIM
DIM
QUANTITY
PART NUMBER
POS.
‘A’
“B”
PER TUBE
TDP02H1SBD1
2
0.144 (3,67)
0.050 (1,27)
125
TDP04H1SBD1
4
0.244 (6,21)
0.150 (3,81)
70
TDP06H1SBD1
6
0.344 (8,74)
0.250 (6,35)
50
TDP08H1SBD1
8
0.444 (11,29)
0.350 (8,89)
40
TDP10H1SBD1
10
0.544 (13,82)
0.450 (11,43)
30
Schematic
SPST


Similar Part No. - TDP08H0SBD1

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TDP08H0SBD1 ITT-TDP08H0SBD1 Datasheet
188Kb / 2P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
TDP08H0SBD1R ITT-TDP08H0SBD1R Datasheet
188Kb / 2P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
More results

Similar Description - TDP08H0SBD1

ManufacturerPart #DatasheetDescription
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
168Kb / 3P
   Side Actuated DIP Switches
BP CK-COMPONENTS-BP Datasheet
58Kb / 3P
   Side Actuated DIP Switches
1997
logo
ITT Industries
BPA02B ITT-BPA02B Datasheet
181Kb / 2P
   Side Actuated DIP Switches
logo
C&K Components
BPA CK-COMPONENTS-BPA_V01 Datasheet
233Kb / 3P
   Side Actuated DIP Switches
2019
logo
ITT Industries
TDP08H0SBD1 ITT-TDP08H0SBD1 Datasheet
188Kb / 2P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
C&K Components
TDP CK-COMPONENTS-TDP_V01 Datasheet
326Kb / 3P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
CTS Corporation
194 CTS-194 Datasheet
1Mb / 2P
   Side Actuated, Through Hole DIP Switches
193 CTS-193 Datasheet
976Kb / 2P
   Side Actuated, Through Hole DIP Switches
logo
OEN India Limited
25-200 OENINDIA-25-200 Datasheet
352Kb / 1P
   ROCKER ACTUATED DIP SWITCHES
logo
CTS Corporation
193-2MS CTS-193-2MS Datasheet
303Kb / 2P
   Side Actuated DIP Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com