Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL914 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # DL914
Description  500mW 100 Volt Silicon Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL914 Datasheet(HTML) 3 Page - Micro Commercial Components

  DL914_11 Datasheet HTML 1Page - Micro Commercial Components DL914_11 Datasheet HTML 2Page - Micro Commercial Components DL914_11 Datasheet HTML 3Page - Micro Commercial Components DL914_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DL914
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - NanoAmperes
versus
Junction Temperature -
°C
TJ
40
60
200
100
NanoAmps
20
120
40
60
80
100
.1
.2
.4
.6
1
2
4
6
10
20
400
600
1000
140
TA=25
°C
MCC
1
100
4
0
100
200
300
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
MilliAmps
Cycles
2
6
10
20
60 80
40
400
500
600
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


Similar Part No. - DL914_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL914 MCC-DL914_14 Datasheet
378Kb / 4P
   500mW 100 Volt Silicon Switching Diode
More results

Similar Description - DL914_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL914 MCC-DL914 Datasheet
361Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_14 Datasheet
378Kb / 4P
   500mW 100 Volt Silicon Switching Diode
DL4148 MCC-DL4148 Datasheet
77Kb / 3P
   500mW 100 Volt Silicon Switching Diode
MCL4448 MCC-MCL4448 Datasheet
669Kb / 4P
   500mW 100 Volt Silicon Epitaxial Diode
MCL4148 MCC-MCL4148 Datasheet
662Kb / 4P
   500mW 100 Volt Silicon Epitaxial Diode
1N4148 MCC-1N4148 Datasheet
78Kb / 3P
   500mW 100 Volt Silicon Epitaxial Diode
DL4148 MCC-DL4148_11 Datasheet
462Kb / 4P
   500mW High Speed Switching Diode 100 Volt
1N4148-TP MCC-1N4148-TP Datasheet
239Kb / 4P
   500mW High Speed Switching Diode 100 Volt
1N4148 MCC-1N4148_11 Datasheet
212Kb / 4P
   500mW High Speed Switching Diode 100 Volt
DL4148-TP MCC-DL4148-TP Datasheet
469Kb / 4P
   500mW High Speed Switching Diode 100 Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com