Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12S48 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM12S48
Description  Color STN-LCD Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM12S48 Datasheet(HTML) 1 Page - Sharp Corporation

  LM12S48 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
New Product
LM12S48
Color STN-LCD Module
Features
n
31 cm [12.1"] SVGA format
n
High contrast (40 :1)
n
Less shadowing utilizing SA* technology
n
Long life CCFT (25,000 H, Typ.)
n
Fast response time (150 ms)
*...Sharp Addressing
Specifications
Parameter
Unit
Parameter
Unit
Display size
31 [12.1]
cm [ "]
Backlight type
1CCFT(E)
-
Dot format (H x V)
800 x RGB x 600
dot
Duty ratio
1/300
-
Dot pitch (H x V)
0.1025 x 0.3075
mm
Logic voltage
3.3-5.0 Vcon
V
Active area (H x V)
246.0 x 184.5
mm
Power consumption panel
561
mW
Panel type
*1
-
Backlight
3 050
mW
Panel mode
Transmissive
-
Outline dimensions (W x H x D) 275.0 x 202.5 x 7.0
mm
Contrast ratio
40 : 1
-
Weight
450
g
Response time
150
ms
Operating temperature
0 to +40
∞C
Brightness
80
cd/m2
Storage temperature
-25 to + 60
∞C
*1...Triple Super Twisted Nematic
Outline Dimensions
unit : mm
1
50
270
131.8
268.5
269.5
2.2
2.2
3.5MIN
1.8min
BM area
275
3
3.5
MIN
250.6X189.1
138.2
2
18
7.5MAX Area
MIN
4.0
GB
MIN
4.0
G
R
0.1025pitch
B
0.0825
R
RG B
0.02
1.5
5.3
41
21
(4PL)
MIN
4.0
AA'
Free space area for screw boss
40
min
1
Center Line (Bezel Opening Area)
2.2
Active Area
245.98X184.48
Effective Viewing Area
(outline Of Polarzer)
Bezel Opening Area
BMare


Similar Part No. - LM12S48

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM12S402 SHARP-LM12S402 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM12S44 SHARP-LM12S44 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM12S47 SHARP-LM12S47 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM12S49 SHARP-LM12S49 Datasheet
114Kb / 1P
   Color STN-LCD Module(FA/POS/Measuring instruments)
More results

Similar Description - LM12S48

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM130SS1T611 SHARP-LM130SS1T611 Datasheet
106Kb / 1P
   Color STN-LCD Module
LM8M64 SHARP-LM8M64_07 Datasheet
783Kb / 30P
   Color STN LCD Module
LM12S47 SHARP-LM12S47 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM12S402 SHARP-LM12S402 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM64C350 SHARP-LM64C350 Datasheet
65Kb / 1P
   Color STN LCD Module
LM9V381 SHARP-LM9V381 Datasheet
50Kb / 1P
   Color STN-LCD Module
LM10V33 SHARP-LM10V33 Datasheet
46Kb / 1P
   Color STN LCD Module
LM15X11 SHARP-LM15X11 Datasheet
75Kb / 1P
   Color STN-LCD Module
LM10V332 SHARP-LM10V332 Datasheet
109Kb / 1P
   Color STN-LCD Module
LM12S44 SHARP-LM12S44 Datasheet
72Kb / 1P
   Color STN-LCD Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com