Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS200-3.3 Datasheet(PDF) 1 Page - TDK Electronics

Part # LS200-3.3
Description  Single Output 150 - 200W General Purpose Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

LS200-3.3 Datasheet(HTML) 1 Page - TDK Electronics

  LS200-3.3 Datasheet HTML 1Page - TDK Electronics LS200-3.3 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LS200 Series
3055 Del Sol Blvd • San Diego, CA 92154 • 1-800-526-2324
75
Light Industrial
Test & Measurement
Automated Service
Kiosks
Very low cost
Small Size
Wide Range AC Input
Convection or Fan Cooled
Three year warranty
1.6" high (For 1U racking)
Key Market Segments & Applications
Single Output 150 - 200W General Purpose Power Supplies
MODEL
LS200 (Enclosed style with internal fan)
LS200/L (U channel style - no internal fan)
ITEMS
AC Input Voltage (300VAC for 5s)
VAC
85 - 264VAC
85 - 264VAC (3)
Input Frequency
Hz
47 - 63Hz
DC Input Voltage
VDC
120 - 373VDC
Inrush Current (230VAC, cold start)
A
60
Power Factor
-
Meets EN61000-3-2, -3 (Typical PF 0.98/0.95)(1)
Input Current (115/230VAC)
A
3.5 / 1.7 (typical)
Temperature Coefficient
-
<0.02%/°C (0 - 50°C)
Overcurrent Protection
-
>105% of nominal or peak. Constant current style
Overvoltage Protection
(2)
V
3.3V: 3.8 - 4.45V, 5V: 5.75 - 6.75V, 7.5V: 8.6 - 10.1V, 12V: 15.1 - 17.75V
15V: 17.25 - 20.25V, 24V: 30.25 - 35.5V, 36V: 41.4 - 48.6V, 48V: 60 - 69.6V
Overtemperature Protection (2)
-
Yes
Hold Up Time (115/230V input)
ms
20ms
Leakage Current (230VAC 60Hz)
mA
<1mA
Remote Sense
-
Yes
Remote On/Off
-
On: 0 - 0.8V; Off: 3 - 12V
LED Indicator
-
Green LED = On
Operating Temperature
-
Fan or forced air rating: -25 to +70°C. Derate linearly to 60% load from +50 to +70°C
Storage Temperature
°C
-40 to +85°C
Operating Humidity
-
20 - 90% RH (non condensing)
Storage Humidity
-
10 - 95% RH (non condensing)
Cooling
-
Internal Fan (air exhausts from fan end)
Convection or customer supplied airflow
Withstand Voltage
-
Input to Ground 1.5kVAC, Input to Output 3kVAC, Output to Ground 500VAC for 1 min.
Isolation Resistance
-
>100M at 25°C & 70%RH, Output to Ground 500VDC
Vibration (non operating)
-
10 - 55Hz: 19.6m/s2 constant sweep 1 min X, Y, Z for 1 hour
Shock
-
< 196.1 m/s2 (20G)
Immunity
-
IEC61000-4-2, -3, -4, -5, -6, -8, -11
Safety Agency Approvals
-
UL60950-1, CSA60950-1 (cUL), IEC60950-1 2nd Edition, CE Mark
Conducted & Radiated EMI
-
EN55011/EN55022-B, FCC--B
Weight (Typ)
g
700
600
Size (LxWxH)
in
7.8 x 3.9 x 1.61"
Warranty
yrs
Three Years
Specifications
(1)
115 / 230VAC input
(2)
Recycle AC to reset
(3)
(Derate linearly to 65% load from 115VAC to 85VAC)


Similar Part No. - LS200-3.3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
LS200-33 TDK-LS200-33 Datasheet
271Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
LS200-33L TDK-LS200-33L Datasheet
271Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
LS200-36 TDK-LS200-36 Datasheet
271Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
LS200-36L TDK-LS200-36L Datasheet
271Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
More results

Similar Description - LS200-3.3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
LS20024 TDK-LS20024 Datasheet
271Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
LS25-3.3 TDK-LS25-3.3 Datasheet
533Kb / 2P
   Single Output General Purpose Power Supplies
SWS755 TDK-SWS755 Datasheet
110Kb / 2P
   Single Output General Purpose Power Supplies
logo
RSG Electronic Componen...
LS25 RSG-LS25 Datasheet
1Mb / 6P
   Single output General Purpose Power Supplies
logo
TDK Electronics
SWS50 TDK-SWS50 Datasheet
487Kb / 2P
   Single Output General Purpose Power Supplies
SWS300A-600 TDK-SWS300A-600 Datasheet
308Kb / 2P
   Single Output General Purpose Power Supplies
logo
Mean Well Enterprises C...
NEL-200 MEANWELL-NEL-200 Datasheet
545Kb / 2P
   200W Single Output Swtiching Power Supply
logo
Total Power Internation...
NES-200 TOTAL-POWER-NES-200 Datasheet
54Kb / 1P
   200W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-185H-C MEANWELL-HLG-185H-C Datasheet
406Kb / 6P
   200W Single Output LED Power Supply
NES-200 MEANWELL-NES-200_12 Datasheet
297Kb / 2P
   200W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com