Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317DT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # LM317DT
Description  Adjustable Voltage Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LM317DT Datasheet(HTML) 1 Page - Micro Commercial Components

  LM317DT Datasheet HTML 1Page - Micro Commercial Components LM317DT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
         
MCC
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
3
20
10/03/17
LM317DT
Adjustable Voltage
Regulators
1. Adjust
2
,4.Vout
3. Vin
Features
Maximum Ratings @ TA=25
OC, Unless Otherwise Noted
Parameter
Symbol
Value
Unit
Input –Output Voltage Differential
VI – VO
40
V
Operating Ambient Temperature
PD
Internally Limited
W
Operating Junction Temperature
TOPR
0---+125
Storage Temperature Range
TSTG
-65---+125
Temperature Coefficient of Output Voltage
Vo/
T
±0.02
%/
Lead Temperature
TLEAD
230
Electrical Characteristics (Vi-Vo=5V, I0=500mA, IMAX=1.5A, PMAX=20W,
unless otherwise specified)
Parameter
Sym
Min
Typ
Max
Test conditions
Reference
Voltage
VREF
1.2V
1.25V
1.3V
3V
Vi-Vo
40V
10mA
Io
Imax
---
18
0.4
25mV%V
0.5 mV%V
10mA
IO
ImaxVO
5v
VO
5v
Load
regulation
Rload
---
40
0.8
70 mV%V
1.5 mV%V
10mA
IO
ImaxVO
5v
VO
5v
0.01%/V
0.04%/V
3V
Vi-Vo
40V
Line
regulation
Rline
0.02%/V
0.07%/V
3V
Vi-Vo
40V
Adjustment
pin current
IQ
46uA
100
A
Adjustment
pin current
charge
Iq(V)
---
2uA
5
A
Vi-Vo=3V to 40V,
Io=10mA to Imax
Il
----
3.5mA
12mA
Vi-Vo=40v
Ripple
rejection
RR
66dB
---
VO=10V
F=1
20Hz, CADJ=10
F
Temperature
Stability
STT
---
0.7%/NO
---
---
RMS Noise,%
of VOUT
eN
---
0.003%/
VO
0.01%/VO
10Hz-10kHz
Longterm,
TJ=THIGH
ST
---
0.3%
1%
Ta=25
for end point
measurements,1000H
R
Thermal
Resistance
Junction to
Case
RJC
---
5
/W
---
---
---
---
C
E
J
K
H
A
S
V
B
G
1
2
3
4
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.320
.359
8.13
9.14
B
.380
.411
9.65
10.45
C
.160
.190
4.06
4.83
D
.020
.035
0.51
0.89
E
.045
.055
1.14
1.40
G
.095
.105
2.41
2.67
H
.096
.120
2.43
3.03
J
.014
.021
0.35
0.53
K
.090
.110
2.29
2.79
S
.575
.625
14.60
15.80
V
.045
.055
1.14
1.40
Inches
mm
.065
1.65
.330
8.38
.420
10.66
.120
3.05
.070
1.78
.740
18.79
DIM
MIN
MAX
MIN
MAX
NOTE
D2-PACK
60dB
75dB
Minimun Load Current
to Main Regulation
---
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
Marking: LM317
Output voltage range: 1.2V to 37V
Output current in excess of 1.5A
Case Material:Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)


Similar Part No. - LM317DT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317DT NSC-LM317DT Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Micro Commercial Compon...
LM317DT MCC-LM317DT Datasheet
216Kb / 2P
   Adjustable Voltage Regulators
LM317DT MCC-LM317DT_13 Datasheet
216Kb / 2P
   Adjustable Voltage Regulators
More results

Similar Description - LM317DT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LM317DT MCC-LM317DT_13 Datasheet
216Kb / 2P
   Adjustable Voltage Regulators
LM317MDT MCC-LM317MDT Datasheet
441Kb / 3P
   Adjustable Voltage Regulators
LM317T MCC-LM317T_18 Datasheet
234Kb / 2P
   Adjustable Voltage Regulators
LM317T MCC-LM317T Datasheet
516Kb / 2P
   Adjustable Voltage Regulators
LM317MDT MCC-LM317MDT_13 Datasheet
456Kb / 3P
   Adjustable Voltage Regulators
logo
National Semiconductor ...
LP2951 NSC-LP2951 Datasheet
271Kb / 16P
   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
logo
Texas Instruments
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
[Old version datasheet]   Adjustable Micropower Voltage Regulators
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
   Adjustable Micropower Voltage Regulators
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
   Adjustable Micropower Voltage Regulators
logo
Fairchild Semiconductor
UA78G FAIRCHILD-UA78G Datasheet
478Kb / 9P
   4-Terminal Adjustable Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com