Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847CRFG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BC847CRFG
Description  250mW, NPN Small Signal Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC847CRFG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC847CRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC847CRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC847CRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC846A/B, BC847A/B/C, BC848A/B/C
250mW, NPN Small Signal Transistor
Small Signal Transistor
Electrical Characteristics
Units
Collector-Base Breakdown Voltage
BC846
BC847
BC848
IC= 10μAIE= 0
V
Collector-Emitter Breakdown Voltage
BC846
BC847
BC848
IC= 10mA
IB= 0
V
BC846
BC847
BC848
IE= 1μAIC= 0
V
VCB= 30V
IE= 0
nA
VEB= 5V
IC=0
μA
VCE= 5V
IC= 2mA
IC= 100mA IB= 5mA
V
IC= 100mA IB= 5mA
V
VCE= 5V
IC= 10mA
f= 100MHz
MHz
Tape & Reel specification
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocke hole position
Punch hole position
Sprocke hole pitch
Embossment center
Overall tape thickness
Tape width
Reel width
Emitter-Base Breakdown Voltage
Collector-Emitter saturation voltage
VCE(sat)
Base-Emitter saturation voltage
VBE(sat)
0.5
1.1
178 ± 1
d
D
C
2.77 ±0.10
1.22 ±0.10
55 Min
Item
Symbol
Dimension(mm)
A
B
3.15 ±0.10
1.50 ± 0.10
Type Number
80
50
30
Symbol
V(BR)CBO
220
450
800
-15
Min
Max
65
45
30
Transition frequency
W1
P0
P1
100
fT
-
T
D1
D2
ICBO
V(BR)CEO
V(BR)EBO
12.30 ±0.20
8.10 ±0.20
W
4.00 ±0.10
E
F
-
13.0 ± 0.20
1.75 ±0.10
3.50 ±0.05
-
-
-
-
6
6
5
0.1
BC846A, BC847A, BC848A
DC current gain
BC846B, BC847B, BC848B
BC847C, BC848C
2.00 ±0.05
0.229 ±0.013
Collector Cut-off Current
IEBO
-
110
200
420
hFE
Emitter Cut-off Current
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Direction of Feed
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
Version : E11


Similar Part No. - BC847CRFG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847C PHILIPS-BC847C Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Olitech Electronics Co....
BC847C OLITECH-BC847C Datasheet
619Kb / 3P
   Plastic-Encapsulate Transistors
logo
Weitron Technology
BC847C WEITRON-BC847C Datasheet
277Kb / 5P
   General Purpose Transistor NPN Silicon
logo
Shanghai Leiditech Elec...
BC847C LEIDITECH-BC847C Datasheet
595Kb / 5P
   Epoxy meets UL-94 V-0 flammability rating
logo
SeCoS Halbleitertechnol...
BC847C SECOS-BC847C Datasheet
307Kb / 3P
   BC846A
More results

Similar Description - BC847CRFG

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BCX70G MCC-BCX70G_13 Datasheet
246Kb / 3P
   NPN Small Signal Transistor 250mW
BCX70G MCC-BCX70G Datasheet
211Kb / 3P
   NPN Small Signal Transistor 250mW
logo
Taiwan Semiconductor Co...
BC856A TSC-BC856A_10 Datasheet
265Kb / 4P
   250mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
   Small Signal Diodes 250mW
logo
Shanghai Lunsure Electr...
BAS19 CHENYI-BAS19 Datasheet
73Kb / 2P
   Small Signal Diodes 250mW
logo
Micro Commercial Compon...
BAS19 MCC-BAS19 Datasheet
175Kb / 3P
   Small Signal Diodes 250mW
BAS19 MCC-BAS19_13 Datasheet
233Kb / 3P
   Small Signal Diodes 250mW
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com