Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9104 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9104
Description  500mA 4.3MHz Low IQ High Efficiency Synchronous
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9104 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9104_11 Datasheet HTML 2Page - Intersil Corporation ISL9104_11 Datasheet HTML 3Page - Intersil Corporation ISL9104_11 Datasheet HTML 4Page - Intersil Corporation ISL9104_11 Datasheet HTML 5Page - Intersil Corporation ISL9104_11 Datasheet HTML 6Page - Intersil Corporation ISL9104_11 Datasheet HTML 7Page - Intersil Corporation ISL9104_11 Datasheet HTML 8Page - Intersil Corporation ISL9104_11 Datasheet HTML 9Page - Intersil Corporation ISL9104_11 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ISL9104, ISL9104A
6
FN6829.5
September 21, 2011
FIGURE 7. OUTPUT VOLTAGE vs LOAD CURRENT (VIN =4.0V,
VOUT = 2.5V)
FIGURE 8. SOFT-START TO PFM MODE (VIN = 3.6V,
VOUT =1.5V, IOUT = 0.001mA)
FIGURE 9. SOFT-START TO PWM MODE (VIN = 3.6V,
VOUT =1.5V, IOUT = 500mA)
FIGURE 10. SOFT-START TO PFM MODE (VIN = 3.6V, VOUT =2.5V,
IOUT = 0.001mA)
FIGURE 11. LOAD TRANSIENT IN PFM MODE (VIN = 3.6V,
VOUT = 1.5V, 5mA TO 30mA)
FIGURE 12. LOAD TRANSIENT IN PFM MODE (VIN = 3.6V,
VOUT = 1.5V, 30mA TO 5mA)
Typical Operating Performance (Continued)
2.475
2.480
2.485
2.490
2.495
2.500
2.505
0
100
200
300
400
500
IOUT(mA)
LOAD CURRENT FALLING
LOAD CURRENT RISING
5V/DIV
1V/DIV
5V/DIV
200mA/DIV
VSW
IL
EN
VOUT
5V/DIV
1V/DIV
5V/DIV
500mA/DIV
VSW
IL
EN
VOUT
5V/DIV
2V/DIV
5V/DIV
200mA/DIV
VSW
IL
EN
VOUT
5V/DIV
20mV/DIV
20mA/DIV
VSW
Io
VOUT (AC-COUPLED)
5V/DIV
20mV/DIV
20mA/DIV
VSW
Io
VOUT (AC-COUPLED)


Similar Part No. - ISL9104_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104A INTERSIL-ISL9104A Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9104A RENESAS-ISL9104A Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104AIRUAEVAL1Z RENESAS-ISL9104AIRUAEVAL1Z Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9104AIRUAZ-T INTERSIL-ISL9104AIRUAZ-T Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9104AIRUAZ-T RENESAS-ISL9104AIRUAZ-T Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
More results

Similar Description - ISL9104_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
   500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Intersil Corporation
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
   500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Kinetic Technologies.
KTC2110 KINETIC-KTC2110 Datasheet
685Kb / 14P
   3.0MHz High Efficiency Low IQ Synchronous Boost
September 2020 - Revision 04a
KTC2110A KINETIC-KTC2110A Datasheet
851Kb / 13P
   3.0MHz High Efficiency Low IQ Synchronous Boost
March 2022 - Revision 04a
logo
Linear Technology
LTC3630 LINER-LTC3630 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LTC3630A LINER-LTC3630A_15 Datasheet
344Kb / 26P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630A LINER-LTC3630A Datasheet
346Kb / 24P
   High Efficiency, 76V 500mA Synchronous Step-Down Converter
LTC3630 LINER-LTC3630_15 Datasheet
290Kb / 26P
   High Efficiency, 65V 500mA Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com