Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9305 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9305
Description  3MHz Dual Step-Down Converters and Dual Low-Input LDOs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9305 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9305_11 Datasheet HTML 1Page - Intersil Corporation ISL9305_11 Datasheet HTML 2Page - Intersil Corporation ISL9305_11 Datasheet HTML 3Page - Intersil Corporation ISL9305_11 Datasheet HTML 4Page - Intersil Corporation ISL9305_11 Datasheet HTML 5Page - Intersil Corporation ISL9305_11 Datasheet HTML 6Page - Intersil Corporation ISL9305_11 Datasheet HTML 7Page - Intersil Corporation ISL9305_11 Datasheet HTML 8Page - Intersil Corporation ISL9305_11 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ISL9305
4
FN7605.1
August 15, 2011
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
FBSEL
DCD1
(V)
FBSEL
DCD2
(V)
SLV
LDO1
(V)
SLV
LDO2
(V)
TEMP. RANGE
(°C)
PACKAGE
Tape and Reel
(Pb-free)
PKG.
DWG. #
ISL9305IRTAANLZ-T
9305I AANLZ
Adj
Adj
3.3
2.9
-40 to +85
16 Ld TQFN
L16.4x4G
ISL9305IRTBCNLZ-T
9305I BCNLZ
1.5
1.8
3.3
2.9
-40 to +85
16 Ld TQFN
L16.4x4G
ISL9305IRTBFNCZ-T
9305I BFNCZ
1.5
2.5
3.3
1.8
-40 to +85
16 Ld TQFN
L16.4x4G
ISL9305IRTWBNLZ-T
9305I WBNLZ
1.2
1.5
3.3
2.9
-40 to +85
16 Ld TQFN
L16.4x4G
ISL9305IRTWCLBZ-T
9305I WCLBZ
1.2
1.8
2.9
1.5
-40 to +85
16 Ld TQFN
L16.4x4G
ISL9305IRTWCNLZ-T
9305I WCNLZ
1.2
1.8
3.3
2.9
-40 to +85
16 Ld TQFN
L16.4x4G
ISL9305IRTWCNYZ-T
9305I WCNYZ
1.2
1.8
3.3
0.9
-40 to +85
16 Ld TQFN
L16.4x4G
ISL9305IRTWLNCZ-T
9305I WLNCZ
1.2
2.9
3.3
1.8
-40 to +85
16 Ld TQFN
L16.4x4G
ISL9305IRTBCNLZEV1Z
Evaluation Board
ISL9305IRTBFNCZEV1Z
Evaluation Board
ISL9305IRTAANLZEV1Z
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL9305. For more information on MSL please see techbrief TB363.


Similar Part No. - ISL9305_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305H INTERSIL-ISL9305H Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305H INTERSIL-ISL9305H Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
More results

Similar Description - ISL9305_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Intersil Corporation
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com