Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9440A Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9440A
Description  Triple PWM Step-Down Synchronous Buck Controller and One LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9440A Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9440A Datasheet HTML 1Page - Intersil Corporation ISL9440A Datasheet HTML 2Page - Intersil Corporation ISL9440A Datasheet HTML 3Page - Intersil Corporation ISL9440A Datasheet HTML 4Page - Intersil Corporation ISL9440A Datasheet HTML 5Page - Intersil Corporation ISL9440A Datasheet HTML 6Page - Intersil Corporation ISL9440A Datasheet HTML 7Page - Intersil Corporation ISL9440A Datasheet HTML 8Page - Intersil Corporation ISL9440A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
AN1454.0
September 25, 2009
Load Transient Circuit Set-up
1. Select a DPAK N channel MOSFET with VDSS
breakdown > 20V.
2. Install the load transient circuit as indicated on the
schematic. Refer to Figure 3 for details.
3. R12, R14, R16 are 10k
Ω resistors for discharging the
MOSFET gates.
4. R13, R15 and R17 are current sensing resistors to
monitor the load step. For accurate measurement, please
use 5% tolerance sensing resistor or better. To alleviate
thermal stress, use 0.1
Ω or smaller resistance. The
resistance of the sensing resistors sets the current scale
on the oscilloscope.
5. Apply pulse square waveform to the ISTEP_CLK1,
ISTEP_CLK2 and ISTEP_CLK3. The duty cycle of the
pulse waveform should be small (<5%) to limit thermal
stress on current sensing resistor and the MOSFETs (Q8,
Q9 and Q10
6. The amplitude of the clock sets the current step
amplitude. Adjust the clock amplitude and slew rate to set
the current step and slew rate.
7. Monitor overshoot and undershoot at corresponding
output.
FIGURE 2. PROPER PROBE SET-UP TO MEASURE OUTPUT
RIPPLE AND PHASE NODE RINGING.
OUTPUT CAP
OR MOSFET
OUTPUT CAP
OR MOSFET
OUTPUT CAP
OR MOSFET
FIGURE 3. LOAD TRANSIENT CIRCUIT FOR PWM1
J17
R15
OPT, 0.01
R14
OPT, 10k
J18
ISTEP1
Q10
OPT, SUD50N03-16P
Typical Evaluation Board Performance Curves
VIN = 9V, unless otherwise specified.
FIGURE 4. PWM1 EFFICIENCY vs LOAD (VO = 5.0V)
FIGURE 5. PWM2 EFFICIENCY vs LOAD (VO = 3.3V)
60
65
70
75
80
85
90
95
100
0
4
6
8
10
12
14
16
LOAD CURRENT (A)
VIN = 23VDC
2
VIN = 19VDC
VIN = 16VDC
60
65
70
75
80
85
90
95
100
0
8
10
12
14
16
LOAD CURRENT (A)
24
6
VIN = 16VDC
VIN = 19VDC
VIN = 23VDC
Application Note 1454


Similar Part No. - ISL9440A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440A INTERSIL-ISL9440A Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL9440A INTERSIL-ISL9440A Datasheet
1Mb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440A INTERSIL-ISL9440A Datasheet
1,020Kb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440A INTERSIL-ISL9440A Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
logo
Renesas Technology Corp
ISL9440A RENESAS-ISL9440A Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results

Similar Description - ISL9440A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440CEVAL1Z INTERSIL-ISL9440CEVAL1Z Datasheet
1,020Kb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
ISL9440AEVAL1Z INTERSIL-ISL9440AEVAL1Z Datasheet
1Mb / 11P
   Triple PWM Step-Down Synchronous Buck Controller and One LDO
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Analog Devices
ADP1828 AD-ADP1828 Datasheet
845Kb / 32P
   Synchronous Buck PWM, Step-Down, DC-to-DC Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com