Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL60002 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL60002
Description  Precision Low Power FGA??Voltage References
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL60002 Datasheet HTML 1Page - Intersil Corporation ISL60002 Datasheet HTML 2Page - Intersil Corporation ISL60002 Datasheet HTML 3Page - Intersil Corporation ISL60002 Datasheet HTML 4Page - Intersil Corporation ISL60002 Datasheet HTML 5Page - Intersil Corporation ISL60002 Datasheet HTML 6Page - Intersil Corporation ISL60002 Datasheet HTML 7Page - Intersil Corporation ISL60002 Datasheet HTML 8Page - Intersil Corporation ISL60002 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ISL60002
5
FN8082.17
December 16, 2010
Electrical Specifications ISL60002-12, VOUT = 1.250V (Additional specifications on page 7, “Common Electrical
Specifications”) Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +85°C
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
VOUT
Output Voltage
1.250
V
VOA
VOUT Accuracy (Note 10)
TA = +25°C
ISL60002B12
-1.0
+1.0
mV
ISL60002C12
-2.5
+2.5
mV
ISL60002D12
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V
Electrical Specifications ISL60002-18, VOUT = 1.800V (Additional specifications on page 7, “Common Electrical
Specifications”). Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified.. Boldface limits apply over
the operating temperature range, -40°C to +85°C
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
VOUT
Output Voltage
1.800
V
VOA
VOUT Accuracy (Note 10)
TA = +25°C
ISL60002B18
-1.0
+1.0
mV
ISL60002C18
-2.5
+2.5
mV
ISL60002D18
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V
Electrical Specifications ISL60002-20, VOUT = 2.048V (Additional specifications on page 7, “Common Electrical
Specifications”). Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified.. Boldface limits apply over
the operating temperature range, -40°C to +85°C
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
VOUT
Output Voltage
2.048
V
VOA
VOUT Accuracy (Note 10)
TA = +25°C
ISL60002B20
-1.0
+1.0
mV
ISL60002C20
-2.5
+2.5
mV
ISL60002D20
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V
Electrical Specifications ISL60002-25, VOUT = 2.500V (Additional specifications on page 7, “Common Electrical
Specifications”). Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +85°C
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
VOUT
Output Voltage
2.500
V
VOA
VOUT Accuracy (Note 10)
TA = +25°C
ISL60002B25
-1.0
+1.0
mV
ISL60002C25
-2.5
+2.5
mV
ISL60002D25
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V


Similar Part No. - ISL60002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
logo
Intersil Corporation
ISL60002B INTERSIL-ISL60002B Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL60002

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com