Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL60002BIH310Z-TK Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL60002BIH310Z-TK
Description  Precision Low Power FGA??Voltage References
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002BIH310Z-TK Datasheet(HTML) 4 Page - Intersil Corporation

  ISL60002BIH310Z-TK Datasheet HTML 1Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 2Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ISL60002
4
FN8082.17
December 16, 2010
Absolute Maximum Ratings
Thermal Information
Max Voltage VIN to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
Max Voltage VOUT to GND (10s):. . . . . . . . . . . . . . . . . . .-0.5V to +VOUT + 1V
Voltage on “DNC” pins . . . . . . . . . .No connections permitted to these pins
ESD Ratings
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 550V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Environmental Operating Conditions
X-Ray Exposure (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mRem
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
3 Ld SOT-23 (Notes 5, 6) . . . . . . . . . . . . . . .
275
110
Continuous Power Dissipation (TA = +85°C) . . . . . . . . . . . . . . . . . . .99mW
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+107°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile (Note 7) . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
3.3V Version . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4. Measured with no filtering, distance of 10” from source, intensity set to 55kV and 70mA current, 30s duration. Other exposure levels should be
analyzed for Output Voltage drift effects. See “Applications Information” on page 32.
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
θJC, the “case temp” location is taken at the package top center.
7. Post-reflow drift for the ISL60002 devices will range from 100µV to 1.0mV based on experimental results with devices on FR4 double sided boards.
The design engineer must take this into account when considering the reference voltage after assembly.
8. Post-assembly x-ray inspection may also lead to permanent changes in device output voltage and should be minimized or avoided. Initial accuracy
can change 10mV or more under extreme radiation. Most inspection equipment will not affect the FGA reference voltage, but if x-ray inspection is
required, it is advisable to monitor the reference output voltage to verify excessive shift has not occurred.
Electrical Specifications ISL60002-10, VOUT = 1.024V (Additional specifications on page 7, “Common Electrical
Specifications”) Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +85°C
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
VOUT
Output Voltage
1.024
V
VOA
NOTES:VOUT Accuracy (Notes 10, 8)
TA = +25°C
ISL60002B10
-1.0
+1.0
mV
ISL60002C10
-2.5
+2.5
mV
ISL60002D10
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V
Electrical Specifications ISL60002-11, VOUT = 1.200V (Additional specifications on page 7, “Common Electrical
Specifications”). Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +85°C
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
VOUT
Output Voltage
1.200
V
VOA
VOUT Accuracy (Note 10)
TA = +25°C
ISL60002B11
-1.0
+1.0
mV
ISL60002C11
-2.5
+2.5
mV
ISL60002D11
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V


Similar Part No. - ISL60002BIH310Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002BIH310Z-TK INTERSIL-ISL60002BIH310Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002BIH310Z-TK INTERSIL-ISL60002BIH310Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH310Z-TK INTERSIL-ISL60002BIH310Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH310Z-TK INTERSIL-ISL60002BIH310Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL60002BIH310Z-TK RENESAS-ISL60002BIH310Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Similar Description - ISL60002BIH310Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com