Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80102 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL80102
Description  High Performance 2A and 3A Linear Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80102 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL80102_11 Datasheet HTML 1Page - Intersil Corporation ISL80102_11 Datasheet HTML 2Page - Intersil Corporation ISL80102_11 Datasheet HTML 3Page - Intersil Corporation ISL80102_11 Datasheet HTML 4Page - Intersil Corporation ISL80102_11 Datasheet HTML 5Page - Intersil Corporation ISL80102_11 Datasheet HTML 6Page - Intersil Corporation ISL80102_11 Datasheet HTML 7Page - Intersil Corporation ISL80102_11 Datasheet HTML 8Page - Intersil Corporation ISL80102_11 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ISL80102, ISL80103
3
FN6660.2
March 24, 2011
Pin Configuration
ISL80102, ISL80103
(10 LD 3x3 DFN)
TOP VIEW
2
3
4
1
5
9
8
7
10
6
VOUT
VOUT
SENSE/ADJ
PG
GND
VIN
VIN
DNC
ENABLE
SS
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 2
VOUT
Output voltage pin.
3
SENSE/ADJ
Remote voltage sense for internally fixed VOUT options. ADJ pin for externally set VOUT.
4PG
VOUT in regulation signal. Logic low defines when VOUT is not in regulation. Must be grounded if not used.
5GND
GND pin.
6
SS
External cap adjusts in-rush current.
7ENABLE
VIN independent chip enable. TTL and CMOS compatible.
8
DNC
Do not connect this pin to ground or supply. Leave floating.
9, 10
VIN
Input supply pin.
EPAD
EPAD at ground potential. Soldering it directly to GND plane is optional.
Typical Application
FIGURE 2. TYPICAL APPLICATION DIAGRAM
ISL80102, ISL80103
VIN
9
VIN
10
ENABLE
7
SS
6
GND
2.5V ±10%
CIN
10µF
VIN
*CSS
5
PG
4
VOUT
1
VOUT
2
VOUT
1.8V
COUT
10µF
RPG
100kΩ
ADJ
3
PGOOD
R1
10kΩ
R4
1.0kΩ
**CPB
1500pF
EN
OPEN DRAIN COMPATIBLE
*CSS is optional, (see Note 12) on page 5.
**CPB is optional. See “Functional Description” on page 12 for more information.
R3
2.61kΩ


Similar Part No. - ISL80102_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
More results

Similar Description - ISL80102_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
   High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
   High Performance 2A and 3A Linear Regulators
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
   High Performance 2A and 3A Linear Regulators
ISL80102 INTERSIL-ISL80102 Datasheet
623Kb / 16P
   High Performance 2A and 3A LDOs
logo
STMicroelectronics
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com