Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30L60CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBR30L60CT
Description  30.0AMPS Low VF Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR30L60CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBR30L60CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR30L60CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:G11
RATINGS AND CHARACTERISTIC CURVES (MBR30L45CT THRU MBR30L100CT)
FIG.1 FORWARD CURRENT DERATING CURVE
0
5
10
15
20
25
30
35
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
CASE TEMPERATURE (
oC)
RESISTIVE OR
INDUCTIVELOA
FIG. 2 MAXIMUM FORWARD SURGE
CURRENT
0
20
40
60
80
100
120
140
160
180
200
220
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single Half Sine Wave
JEDEC Method
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=125℃
TA=25℃
FIG. 5 TYPICAL JUNCTION CAPACITANCE
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
30L45CT
30L60CT
FIG. 3 TYPICAL FORWARD CHARACTERISRICS
0.1
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
FORWARD VOLTAGE (V)
30L45CT
TA=125℃
30L45CT
TA=25℃
30L60CT
TA=125℃
30L60CT
TA=25℃
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
0.1
1
10
0.01
0.1
1
10
100
T-PULSE DURATION(s)


Similar Part No. - MBR30L60CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
logo
Taiwan Semiconductor Co...
MBR30L60CT TSC-MBR30L60CT Datasheet
190Kb / 2P
   30.0AMPS Low VF Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR30L60CT KERSEMI-MBR30L60CT Datasheet
869Kb / 2P
   High current capability, low forward voltage drop
logo
Taiwan Semiconductor Co...
MBR30L60CT TSC-MBR30L60CT Datasheet
206Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Dongguan City Niuhang E...
MBR30L60CT NIUHANG-MBR30L60CT Datasheet
376Kb / 3P
   LOW VF SCHOTTKY RECTIFIERS
More results

Similar Description - MBR30L60CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR30L120CT TSC-MBR30L120CT Datasheet
126Kb / 2P
   30.0AMPS. Low VF Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR30L45CT KERSEMI-MBR30L45CT Datasheet
893Kb / 2P
   30.0AMPS Low VF Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR30L45CT TSC-MBR30L45CT_12 Datasheet
190Kb / 2P
   30.0AMPS Low VF Schottky Barrier Rectifiers
MBR3035PT TSC-MBR3035PT_11 Datasheet
133Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
MBR30H100CT TSC-MBR30H100CT Datasheet
128Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_13 Datasheet
234Kb / 3P
   30.0AMPS. Schottky Barrier Rectifiers
MBRF30L45CT TSC-MBRF30L45CT_11 Datasheet
252Kb / 2P
   30.0AMPS Isolated Low VF Schottky Barrier Rectifier
MBR3035CT TSC-MBR3035CT_11 Datasheet
218Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
SR3020PT TSC-SR3020PT_13 Datasheet
246Kb / 3P
   30.0AMPS. Schottky Barrier Rectifiers
MBR30H100CT TSC-MBR30H100CT_13 Datasheet
228Kb / 3P
   30.0AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com