Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88011 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL88011
Description  5 Ld Voltage Supervisors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88011 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL88011_11 Datasheet HTML 2Page - Intersil Corporation ISL88011_11 Datasheet HTML 3Page - Intersil Corporation ISL88011_11 Datasheet HTML 4Page - Intersil Corporation ISL88011_11 Datasheet HTML 5Page - Intersil Corporation ISL88011_11 Datasheet HTML 6Page - Intersil Corporation ISL88011_11 Datasheet HTML 7Page - Intersil Corporation ISL88011_11 Datasheet HTML 8Page - Intersil Corporation ISL88011_11 Datasheet HTML 9Page - Intersil Corporation ISL88011_11 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN8093.3
August 9, 2011
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on any pin with respect to GND . . . . . . . . . . . . -1.0V to +7V
D.C. Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . . .-40°C to +85°C
Pull-up Resistance (RPU) . . . . . . . . . . . . . . . . . . . . . 5kΩ to 100kΩ
Thermal Resistance (Typical, Note 5)
θJA (°C/W)
5 Ld SOT-23. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
190
Maximum Junction Temperature (Plastic Package) . . . . . . . +125°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTE:
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Over the recommended operating conditions unless otherwise specified, RPU = 10kΩ.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage Range
2.0
5.5
V
IDD
Supply Current for ISL88011,
ISL88012, ISL88013
VDD = 5.0V
8
11.5
µA
VDD = 3.3V
7
10
µA
VDD = 2.5V
5.5
9
µA
Supply Current for ISL88014,
ISL88015
VDD = 3.3V
4.5
8
µA
ILI
Input Leakage Current (VMON)
100
nA
ILO
Output Leakage Current (VMON)
100
nA
VOLTAGE THRESHOLDS
VTHVDD
Fixed VDD Voltage Trip Point
ISL88011, ISL88012, ISL88013IH546
4.57
4.64
4.71
V
ISL88011, ISL88012, ISL88013IH544
4.31
4.38
4.45
V
ISL88011, ISL88012, ISL88013IH531
3.04
3.09
3.14
V
ISL88011, ISL88012, ISL88013IH529
2.88
2.92
2.96
V
ISL88011, ISL88012, ISL88013IH526
2.59
2.63
2.67
V
ISL88011, ISL88012, ISL88013IH523
2.29
2.32
2.35
V
ISL88011, ISL88012, ISL88013IH522
2.16
2.19
2.22
V
VTHVDD
HYST
Hysteresis at VDD Input
VTHVDD = 4.64V
46
mV
VTHVDD = 4.38V
44
mV
VTHVDD = 3.09V
31
mV
VTHVDD = 2.92V
29
mV
VTHVDD= 2.63V
26
mV
VTHVDD = 2.32V
23
mV
VTHVDD = 2.19V
22
mV
VTHVMON Adj. Reset Voltage Trip Point (Note 6) VTHVDD = 4.64V
599
605
611
mV
VTHVDD = 4.38V
597
603
609
mV
VTHVDD = 3.09V
589
595
601
mV
VTHVDD = 2.92V
589
595
601
mV
VTHVDD= 2.63V
589
595
601
mV
VTHVDD = 2.32V
597
603
609
mV
VTHVDD = 2.19V
597
603
609
mV
VTHVMON Adj. Reset Voltage Trip Point (Note 7)
594
600
606
mV
VTHVMON
HYST
Hysteresis Voltage (Notes 6, 7)
3
mV
ISL88011, ISL88012, ISL88013, ISL88014, ISL88015


Similar Part No. - ISL88011_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88011EVAL1Z RENESAS-ISL88011EVAL1Z Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Intersil Corporation
ISL88011IH522Z INTERSIL-ISL88011IH522Z Datasheet
270Kb / 11P
   5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011IH522Z-T7A RENESAS-ISL88011IH522Z-T7A Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Intersil Corporation
ISL88011IH522Z-TK INTERSIL-ISL88011IH522Z-TK Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011IH522Z-TK RENESAS-ISL88011IH522Z-TK Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
More results

Similar Description - ISL88011_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011 Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011 RENESAS-ISL88011 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Texas Instruments
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
Intersil Corporation
ISL88001 INTERSIL-ISL88001 Datasheet
216Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
logo
Renesas Technology Corp
ISL88001 RENESAS-ISL88001 Datasheet
547Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
logo
Texas Instruments
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
Microchip Technology
MCP102 MICROCHIP-MCP102_14 Datasheet
688Kb / 28P
   Micropower Voltage Supervisors
10/28/13
MCP102 MICROCHIP-MCP102 Datasheet
420Kb / 28P
   Micropower Voltage Supervisors
2005
MCP121 MICROCHIP-MCP121 Datasheet
464Kb / 24P
   Micropower Voltage Supervisors
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com