Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5222 Datasheet(PDF) 1 Page - Seme LAB

Part # 1N5222
Description  500mW ZENER VOLTAGE REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N5222 Datasheet(HTML) 1 Page - Seme LAB

  1N5222 Datasheet HTML 1Page - Seme LAB 1N5222 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5221-LCC3
TO
1N5281-LCC3
Semelab Ltd reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab Ltd. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC 7788 issue 3
ABSOLUTE MAXIMUM RATINGS T
CASE = 25°C unless otherwise stated
PD
Power Dissipation at TA = 25°C
500mW
VF
Forward Voltage at 200mA
1.5V
Tj
Operating Junction Temperature Range
-55°C to +175°C
Tstg
Storage Temperature Range
-65°C to +175°C
R JA
Thermal Resistance Junction to Ambient
300°C/W
Nominal
Zener
Voltage
Test
Current
Maximum Zener Impedance
(1)
Maximum Reverse
Leakage Current
Maximum Zener
Voltage
Coefficient
(2)
VZ @ IZT
IZT
ZZT @ IZK
ZZT @ IZK = 250µA
IR
@
VR
VZ
V
mA
µA
V
%/°C
P/N
A & B
A
B,C & D
A & B
1N5221
2.4
20
30
1200
100
0.95
1.0
–0.085
1N5222
2.5
20
30
1250
100
0.95
1.0
–0.085
1N5223
2.7
20
30
1300
75
0.95
1.0
–0.080
1N5224
2.8
20
30
1400
75
0.95
1.0
–0.080
1N5225
3.0
20
29
1600
50
0.95
1.0
–0.075
1N5226
3.3
20
28
1600
25
0.95
1.0
–0.070
1N5227
3.6
20
24
1700
15
0.95
1.0
–0.065
1N5228
3.9
20
23
1900
10
0.95
1.0
–0.060
1N5229
4.3
20
22
2000
5.0
0.95
1.0
±0.055
1N5230
4.7
20
19
1900
5.0
1.9
2.0
±0.030
1N5231
5.1
20
17
1600
5.0
1.9
2.0
±0.030
1N5232
5.6
20
11
1600
5.0
2.9
3.0
+0.038
1N5233
6.0
20
7.0
1600
5.0
3.3
3.5
+0.038
1N5234
6.2
20
7.0
1000
5.0
3.8
4.0
+0.045
1N5235
6.8
20
5.0
750
3.0
4.8
5.0
+0.050
FEATURES
• Extensive Voltage Selection (2.4V - 200V)
• Standard Voltage Tolerance of ±5% (B suffix)
• Regulation Over a Large Operating Current &
Temperature Range
• ESD Insensitive
• Hermetic Ceramic Surface Mount Package
• Military Screening Options Available
P/N
Suffix
VZ
Tolerance
A
-
±10%
B
-
±5.0%
C
-
±2.0%
D
-
±1.0%
LCC3 (MO-041BA)
PAD 1 – CATHODE
PAD 3 – N/C
PAD 2 – N/C
PAD 4 – ANODE
Lead metallisation typically 100u inches Au over 50-250u inches Ni
MECHANICAL DATA
Dimensions in mm (inches)
500mW ZENER VOLTAGE REGULATOR
DIODE IN A HERMETIC CERAMIC SURFACE
MOUNT PACKAGE FOR HIGH RELIABILITY
APPLICATIONS
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.


Similar Part No. - 1N5222

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5222 SEME-LAB-1N5222 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5222 MCC-1N5222 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Semtech Corporation
1N5222 SEMTECH-1N5222 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
1N5222 EIC-1N5222 Datasheet
122Kb / 2P
   ZENER DIODES
logo
Shanghai Lunsure Electr...
1N5222 CHENYI-1N5222 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - 1N5222

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N6309 SENSITRON-1N6309 Datasheet
127Kb / 4P
   ZENER 500mW VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
BZV79C2V0 TSC-BZV79C2V0 Datasheet
138Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
BZV79C2V4 TSC-BZV79C2V4 Datasheet
152Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
logo
AiT Semiconductor Inc.
BZT52C2V0 AITSEMI-BZT52C2V0 Datasheet
405Kb / 6P
   ZENER DIODE 500mW, ZENER VOLTAGE 2.0V TO 75V
REV2.0
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
logo
Digitron Semiconductors
1N5985 DIGITRON-1N5985 Datasheet
142Kb / 2P
   500mW ZENER DIODES
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
   ZENER DIODE, 500mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com