Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ85CA Datasheet(PDF) 9 Page - Micro Commercial Components

Part # SMBJ85CA
Description  Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ85CA Datasheet(HTML) 9 Page - Micro Commercial Components

  SMBJ85CA Datasheet HTML 1Page - Micro Commercial Components SMBJ85CA Datasheet HTML 2Page - Micro Commercial Components SMBJ85CA Datasheet HTML 3Page - Micro Commercial Components SMBJ85CA Datasheet HTML 4Page - Micro Commercial Components SMBJ85CA Datasheet HTML 5Page - Micro Commercial Components SMBJ85CA Datasheet HTML 6Page - Micro Commercial Components SMBJ85CA Datasheet HTML 7Page - Micro Commercial Components SMBJ85CA Datasheet HTML 8Page - Micro Commercial Components SMBJ85CA Datasheet HTML 9Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MCC
TM
Micro Commercial Components
www.mccsemi.com
9 of 9
Revision: B
2011/09/06
1
Device
Packing
Part Number-TP
Tape&Reel: 3Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.


Similar Part No. - SMBJ85CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ85CA BYTES-SMBJ85CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
SMBJ85CA LITTELFUSE-SMBJ85CA Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
MDE Semiconductor, Inc.
SMBJ85CA MDE-SMBJ85CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMBJ85CA JUXING-SMBJ85CA Datasheet
898Kb / 4P
   Surface Mount Transient Voltage Suppressor Power 600W
logo
MERITEK ELECTRONICS COR...
SMBJ85CA MERITEK-SMBJ85CA Datasheet
241Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - SMBJ85CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5.0 MCC-SMBJ5.0_09 Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ170A-TP MCC-SMBJ170A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ18CA-TP MCC-SMBJ18CA-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ26A-TP MCC-SMBJ26A-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ30-TP MCC-SMBJ30-TP Datasheet
345Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMBJ28A-TP MCC-SMBJ28A-TP Datasheet
352Kb / 10P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
SMCJ26CA-TP MCC-SMCJ26CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ24CA-TP MCC-SMCJ24CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ28CA-TP MCC-SMCJ28CA-TP Datasheet
248Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
SMCJ43A-TP MCC-SMCJ43A-TP Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com