Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ12A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ12A
Description  1500 Watts Suface Mount Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ12A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SMCJ12A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ12A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ12A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ12A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ12A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CREAT BY ART
UL Recognized File # E-326243
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Typical IR less than 1uA above 10V
GXX
= Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
PPK
Watts
PD
Watts
IFSM
Amps
VF
Volts
RθJC
RθJA
/W
TJ, TSTG
-55 to +150
Minimum 1500
Features
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Polarity: Indicated by cathode band
Mechanical Data
1500 watts peak pulse power capability with a
10/1000 us waveform
For surface mounted application
High temperature soldering guaranteed:
260℃ / 10 seconds at terminals
Weight: 0.26 gram
Type Number
Operating and Storage Temperature Range
Peak Power Dissipation at TA=25℃, Tp=1ms(Note 1)
Peak Forward Surge Current, 8.3ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method)(Note 2, 3) - Unidirectional Only
1. For Bidrectional Use C or CA Suffix for Types SMCJ5.0 through Types SMCJ170
2. Electrical Characterstics Apply in Both Directions
SMCJ SERIES
1500 Watts Suface Mount Transient Voltage Suppressor
Marking Diagram
SMC/DO-214AB
Devices for Bipolar Applications
Version:G11
Note 4: VF=3.5V on SMCJ5.0 thru SMCJ90 Devices and VF=5.0V on SMCJ100 thru SMCJ170 Devices
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25℃ Per Fig. 2
Note 2: Mounted on 16mm x 16mm Copper Pads to Each Terminal
Note 3: 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum
Value
Terminals: Pure tin plated, lead free
Dimensions in inches and (millimeters)
Case: Molded plastic
Typical Thermal Resistance
Plastic material used carried Underwriters
Laboratory Flammability Classification 94V-0
Fast response time: Typically less than 1.0ps from
0 volt to BV min
Steady State Power Dissipation
Maximum Instantaneous Forward Voltage at 50.0A for
Unidirectional Only (Note 4)
Standard packaging: 16mm tape per EIA Std RS-481
5
10
55
200
3.5 / 5.0
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - SMCJ12A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ12A DCCOM-SMCJ12A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ12A MCC-SMCJ12A Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Vishay Siliconix
SMCJ12A VISHAY-SMCJ12A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Dec-11
logo
Jinan Jing Heng Electro...
SMCJ12A JINGHENG-SMCJ12A Datasheet
139Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ12A TSC-SMCJ12A Datasheet
109Kb / 5P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCJ12A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_13 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com