Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3440CSM4 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3440CSM4
Description  HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3440CSM4 Datasheet(HTML) 2 Page - Seme LAB

  2N3440CSM4 Datasheet HTML 1Page - Seme LAB 2N3440CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3439CSM4
2N3440CSM4
LAB
SEME
Document Number 2703
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 50mA
2N3439
IC = 50mA
2N3440
VCE = 300V
2N3439
VCE = 200V
2N3440
VCE = 450V
2N3439
VCE = 300V
2N3440
VCB = 350V
2N3439
VCB = 250V
2N3440
VEB = 6V
IC = 50mA
IB = 4mA
IC = 50mA
IB = 4mA
IC = 20mA
VCE = 10V
IC = 2mA
VCE = 10V
VCEO(sus)* Collector – Emitter Sustaining Voltage
(IB = 0)
ICEO
Collector Cut-off Current
(IB = 0)
ICEX
Collector Cut-off Current
(VBE = -1.5V)
ICBO
Collector – Base Cut-off Current
(IE = 0)
IEBO
Emitter Cut-off Current (IC = 0)
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
fT
Transition Frequency
Cob
Output Capacitance
hfe
Small Signal Current Gain
IC = 10mA
VCE = 10V
f = 5MHz
VCB = 10V
f = 1MHz
IC = 5mA
VCE = 10V
f = 1kHz
15
10
25
MHz
pF
* Pulse test tp = 300ms , d £ 2%
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
350
250
20
50
500
500
20
20
20
0.5
1.3
40
160
30
V
mA
µA
µA
µA
V
V
2N3439 only


Similar Part No. - 2N3440CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3440CSM4R SEME-LAB-2N3440CSM4R Datasheet
16Kb / 2P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results

Similar Description - 2N3440CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4240 SEME-LAB-2N4240 Datasheet
17Kb / 2P
   NPN TRANSISTOR MEDIUM POWER HIGH VOLTAGE
logo
Diodes Incorporated
FZT657 DIODES-FZT657_18 Datasheet
639Kb / 7P
   300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
ZXTN08400BFF DIODES-ZXTN08400BFF_16 Datasheet
354Kb / 7P
   400V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
ZTX658 DIODES-ZTX658 Datasheet
124Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
ZTX457 ZETEX-ZTX457 Datasheet
35Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
FCX658A ZETEX-FCX658A Datasheet
75Kb / 4P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
List of Unclassifed Man...
ZTX658STZ ETC2-ZTX658STZ Datasheet
124Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
ZTX457 DIODES-ZTX457_15 Datasheet
46Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
ZXTN08400BFF ZETEX-ZXTN08400BFF Datasheet
510Kb / 6P
   400V, SOT23F, NPN medium power high voltage transistor
ZTX658 ZETEX-ZTX658 Datasheet
58Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com